Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 46 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 46 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 44Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 45Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 46Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 49Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
46
H5GQ1H24AFR
value of 120 Ohms is equivalent to the 40 Ohms Pulldown and 60 Ohms Pullup nominal impedances of
GDDR5 SGRAMs. RESET#, CK and CK# are not internally terminated. CK and CK# shall be terminated on
the system using external 1% resistors to VDDQ.
The output driver and on‐die termination impedances are updated during all REFRESH commands to
compensate for variations in supply voltage and temperature. The impedance updates are transparent to
the system.
Driver Strength
Bits  A0  and  A1  define  the  driver  strength.  The  Auto  Calibration  setting  enables  the  Auto‐Calibration
functionality for the Pulldown, Pullup and Termination over process, temperature and voltage changes.
The design target for the factory setting is 40 Ohm Pulldown, 60 Ohm Pullup driver strength with nominal
process, voltage and temperature conditions.
The nominal option enables the factory setting for the Pulldown, Pullup driver strength and termination.
With  this option enabled,  driver  strength  and termination are expected  to change with process, voltage
and temperature. AC timings are only guaranteed with Auto Calibration.
Data Termination
Bits A2 and A3 define the data termination value for the on‐die termination (ODT) for the DQ and DBI#
pins in combination with the driver strength setting.
The termination can be set to a value of ZQ/2 which is intended for a single loaded system, or ZQ which
is  intended  for  a  weaker  termination  used  in  a  lower  power  or  frequency  applications.  The  data
termination may also be turned off.
ADR/CMD Termination
Bits  A4  and  A5  define  the  address/command  termination.  The  default  setting  (’00’)  provides  that  the
address/command termination is determined by latching CKE# on the rising edge of RESET#. 
The  address/command  termination  can  also  be  set  to  a  value  of  ZQ/2  which  is  intended  for  a  single
loaded  system,  or  ZQ  which  is  intended  for  double  loaded  configurations  with  two  devices  sharing  a
common address/command bus. The address/command termination may also be turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com