Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 6Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
10
H5GQ1H24AFR
 1. INITIALIZATION
 1.1. POWER‐UP SEQUENCE
GDDR5 SGRAMs must be powered up and initialized in a predefined manner as shown in <Link>Figure . Operational
procedures other than those specified may result in undefined operation. The Mode Registers do not have RESET
default values, except for ABI#, ADR/CMD termination, and the EDC hold pattern. If the mode registers are not set dur-
ing the initialization sequence, it may lead to unspecified operation.
Step
1Apply power to VDD
2Apply power to VDDQ at same time or after power is applied to VDD
3Apply VREFC and VREFD at same time or after power is applied to VDDQ
4After power is stable, provide stable clock signals CK/CK#
5
Assert and hold RESET# low to ensure all drivers are in Hi‐Z and all active terminations are off. Assert and hold NOP command.
6
Wait a minimum of 200μs.
7
If boundary scan mode is necessary, SEN can be asserted HIGH to enter boundary scan mode. Boundary scan mode must be 
entered directly after power‐up while RESET# is low. Once boundary scan is executed, power‐up sequence should be followed.
8
Set CKE# for the desired ADR/CMD ODT settings, then bring RESET# High to latch in the logic state of CKE#, tATS and tATH must 
be met during this procedure. See <Link>Table 1 for the values and logic states for CKE#. The rising edge of RESET# will determine 
x32 mode or x16 mode depending on the state of EDC1(EDC2 when MF=1). In normal x32 mode, EDC1 has to be sustained HIGH 
until RESET# is HIGH. See <Link>Table  for the values and logic states for EDC1(EDC2 when MF=1).
9Bring CKE# Low after tATH is satisfied 
10
Wait at least 200μs referenced from the beginning of tATS
11
Issue at least 2 NOP commands
12
Issue a PRECHARGE ALL command followed by NOP commands until tRP is satisfied
13
Issue MRS command to MR15. Set GDDR5 SGRAM into address training mode (optional)
14
Complete address training (optional)
15
Issue MRS command to read the Vendor ID
16
Issue MRS command to set WCK01/WCK01# and WCK23/WCK23# termination values
17
Provide stable clock signals WCK01/WCK01# and WCK23/WCK23#
18
Issue MRS commands to use PLL or not and select the position of a WCK/CK phase detector. The use of PLL and the position of a 
phase detector should be issued before WCK2CK training. Issue MRS commands including PLL reset to the mode registers in any 
order. tMRD must be met during this procedure. WLmrs, CLmrs, CRCWL and CRCRL must be programmed before WCK2CK 
training.
19
Issue two REFRESH commands followed by NOP until tRFC is satisfied
20
After any necessary GDDR5 training sequences such as WCK2CK training, READ training (LDFF, RDTR) and WRITE training 
(WRTR, RDTR), the device is ready for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com