Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
12
H5GQ1H24AFR
1) Assert RESET# Low anytime when reset is needed.
2) Hold RESET# Low for minimum 100ns. Assert and hold NOP command.
3) Set CKE# for the desired ADR/CMD ODT settings, then bring RESET# High to latch in the logic state of 
CKE#; tATS and tATH must be met during this procedure. Keep EDC1 (MF=0) / EDC2 (MF=1) at the same 
logic level as during power‐up initialization as device functionality is not guaranteed if the I/O width has 
changed.
4) Continue with step 9 of the power‐up initialization sequence.
Figure 4: Initialization with Stable Power
TRAIN / MRS
ADR
CKE#
min. 100 ns
CMD
VDD, VDDQ
VREFD/C
RESET#
tATS tATH
DQ<31:0>,
DBI#<3:0>
ADR
EDC<3:0>
All Banks
Precharge
WCK
NOP
NOP
CK#
CK
WCK#
PRE
NOP
tRP
Execution of steps
13‐21 in Power‐up
sequence
TRAIN / MRS
TRAIN / MRS
ADR
A.C.
ADR ADR
min. 200 μs
NOP
NOP
TRAIN / MRS
A.C.
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
2.  Device functionality is not guaranteed if x32/x16 mode is not the same as during power‐up initialization.
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
Notes:  1.  A.C. = Any Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com