Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 41Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 44Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 45Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 46Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 173 page
background image
Rev. 1.0 /Nov. 2009
44
H5GQ1H24AFR
WRITE Recovery (WR)
The programmed WR value is used for the auto precharge feature along with tRP to determine tDAL. The
WR  register  bits  are  not  a  required  function  and  may  be  implemented  at  the  discretion  of  the  DRAM
manufacturer.
WR must be programmed with a value greater than or equal to RU{tWR/tCK}, where RU stands for round
up, tWR is the analog value from the vendor datasheet and tCK is the operating clock cycle time.
By default WR is specified by bits A8‐A11, defining a WR range of 4 to 19 tCK.  
Test Mode
The normal operating mode is selected by issuing a MODE REGISTER SET command with bit A7 set to
’0’, and bits A0‐A6 and A8‐A11 set to the desired values. Programming bit A7 to ‘1’ places the device into a
test mode that is only to be used by the DRAM manufacturer. No functional operation is specified with test
mode enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com