Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 98 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 98 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 94Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 95Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 96Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 97Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 98Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 99Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 100Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 101Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 102Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
98
H5GQ1H24AFR
Figure 66. DBI Flow Diagram
DBI# Pin Special Function Overview
The DBI# pin has special behavior compared to DQ pins because of the ability to enable and disable it via 
MRS. For either WRITE or READ DBI# pin training, both DBI READ and DBI WRITE in MRS must be 
enabled. The behavior of the DBI# pin in various mode register settings is summarized below:
If both DBI READ and DBI WRITE are enabled:
•Pin drives DBI FIFO data with RDTR command
•DBI# pin FIFO accepts WRTR data with the WRTR command
If only DBI READ is enabled:
•DBI# pin drives ODT when not READ or RDTR
If only DBI WRITE is enabled:
•Pin always drives ODT (unless RESET)
If both DBI READ and DBI WRITE are disabled:
•DBI# pin drives ODT (unless RESET)
No
Yes
Logical 
output data
’0’ count
> 4 ?
DBI# = ’L’
Invert 
data byte 
DBI# = ’H’
Don’t invert 
data byte
Determine ’0’ count
in data byte
Logical 
input data
DBI# = ’H’
Don’t invert 
data byte
DBI# = ’L’
Invert 
data byte 
Transmitter
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com