Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 106 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 106 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 102Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 103Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 104Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 105Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 106Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 107Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 108Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 109Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 110Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
106
H5GQ1H24AFR
 5.16. SELF‐REFRESH
Self‐Refresh can be used to retain data in the GDDR5 SGRAM, even if the rest of the system is powered 
down. When in the Self‐Refresh mode, the GDDR5 SGRAM retains data without external clocking. The 
SELF REFRESH ENTRY command (see Figure 72) is initiated like a REFRESH command except that CKE# 
is pulled HIGH. SELF REFRESH ENTRY is only allowed when all banks are precharged with tRP satisfied, 
and when the last data element or CRC data element from a preceding READ or WRITE command have 
been pushed out (tRDSRE). NOP commands are required until tCKSRE is met after the entering Self‐Refresh. 
The PLL is automatically disabled upon entering Self‐Refresh and is automatically enabled and reset upon 
exiting Self‐Refresh. If the GDDR5 SGRAM enters Self‐Refresh with the PLL disabled, it will exit Self‐
Refresh with the PLL disabled.
Once the SELF REFRESH ENTRY command is registered, CKE# must be held HIGH to keep the device in 
Self‐Refresh mode. When the device has entered the Self‐Refresh mode, all external control signals, except 
CKE# and RESET# are “Don’t care”. For proper Self‐Refresh operation, all power supply and reference 
pins (VDD, VDDQ, VSS, VSSQ, VREFC, VREFD) must be at valid levels. The GDDR5 SGRAM initiates a 
minimum of one internal refresh within tCKE period once it enters Self‐Refresh mode. The address, com‐
mand, data and WCK pins are in ODT state, and the EDC pins drive a HIGH.
The clock is internally disabled during Self‐Refresh operation to save power. The minimum time that the 
GDDR5 SGRAM must remain in Self‐Refresh mode is tCKE. The user may change the external clock fre‐
quency or halt the external CK and WCK clocks tCKSRE after Self‐Refresh entry is registered. However, the 
clocks must be restarted and stable tCKSRX before the device can exit Self‐Refresh operation.
The procedure for exiting Self‐Refresh requires a sequence of events. First, the CK and WCK clocks must 
be stable prior to CKE# going back LOW. A delay of at least tXSNRW must be satisfied before a valid com‐
mand not requiring a locked PLL can be issued to the device to allow for completion of any internal 
refresh in progress. Before a command requiring a locked PLL can be applied, a delay of at least tXSRW 
must be satisfied.
During Self‐Refresh the on‐die termination (ODT) and driver will not be auto‐calibrated. Therefore, it is 
recommended that the ODT and driver be recalibrated by the controller upon exiting Self‐Refresh. Alter‐
natively, if changes in voltage and temperature are tracked or known to be bounded then the provided 
Voltage and Temperature Variation tables may be consulted to determine if recalibration is necessary.
Upon exit from Self‐Refresh, the GDDR5 SGRAM can be put back into Self‐Refresh mode after waiting at 
least tXSNRW period and issuing one extra REFRESH command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com