Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 110 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 110 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 106Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 107Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 108Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 109Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 110Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 111Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 112Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 113Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 114Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
110
H5GQ1H24AFR
 5.18. COMMAND TRUTH TABLES
Notes:
1.  CKE#n is the logic state of CKE# at clock edge n; CKE#n‐1 was the state of CKE# at the previous clock edge.
2.  Current state is the state of the GDDR5 SGRAM immediately prior to clock edge n.
3.  COMMANDn is the command registered at clock edge n, and ACTIONn is a result of COMMANDn.
4.  All states and sequences not shown are illegal or reserved.
5.  DESELECT or NOP commands should be issued on any clock edges occurring during the tXSRW period. A minimum of tLK is 
needed for the PLL to lock before applying a READ or WRITE command if the PLL was disabled.
Table 28  Pin States During Power Down
Pin
LP2
State
EDC
WCK
‘Hold’
no WCK
High
DQ/DBI#
x
ODT
ADR/CMD
x
ODT
CKE#
x
ODT (Driven High by Controller)
WCK/WCK#
x
ODT
Table 29  Truth Table – CKE#
CKE#n‐1
CKE#n
CURRENT 
STATE
COMMANDn
ACTIONn
NOTES
HH
Power‐Down
X
Maintain Power‐Down
HH
Self Refresh
X
Maintain Self Refresh
HL
Power‐Down
DESELECT or NOP
Exit Power‐Down
HL
Self Refresh
DESELECT or NOP
Exit Self Refresh
5
LH
All Banks Idle
DESELECT or NOP
Precharge Power‐Down Entry
LH
Bank(s) Active
DESELECT or NOP
Active Power‐Down Entry
LH
All Banks Idle
REFRESH
Self Refresh Entry
LL
See <Link>Table 30 and 
<Link>Table 31
1, 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com