Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 111 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 111 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 107Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 108Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 109Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 110Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 111Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 112Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 113Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 114Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 115Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
111
H5GQ1H24AFR
Notes
1.  This table applies when CKE#n‐1 was LOW and CKE#n is LOW (see <Link>Table 29) and after tXSNR has been met (if the previous 
state was self refresh).
2.  This table is bank‐specific, except where noted (i.e., the current state is for a specific bank and the commands shown are those 
allowed to be issued to that bank when in that state). Exceptions are covered in the notes below.
3.  Current state definitions:
Idle: The bank has been precharged, and tRP has been met.
Row Active: A row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register accesses are 
in progress.
Read: A READ burst has been initiated, with auto precharge disabled.
Write: A WRITE burst has been initiated, with auto precharge disabled.
4.  The following states must not be interrupted by a command issued to the same bank. DESELECT or NOP commands, or allowable 
commands to the other bank should be issued on any clock edge occurring during these states. Allowable commands to the other 
bank are determined by its current state and <Link>Table 30, and according to <Link>Table 31.
Precharging: Starts with registration of a PRECHARGE command and ends when tRP is met. Once tRP is met, the bank will be in 
the idle state.
Row Activating: Starts with registration of an ACTIVE command and ends when tRCD is met. Once tRCD is met, the bank will be 
in the “row active” state.
Read w/Auto‐Precharge Enabled: Starts with registration of a READ command with auto precharge enabled and ends when tRP 
has been met. Once tRP is met, the bank will be in the idle state.
Write w/Auto‐Precharge Enabled: Starts with registration of a WRITE command with auto precharge enabled and ends when tRP 
has been met. Once tRP is met, the bank will be in the idle state.
5.  The following states must not be interrupted by any executable command; DESELECT or NOP commands must be applied on each 
positive clock edge during these states.
Refreshing: Starts with registration of a REFRESH command and ends when tRC is met. Once tRC is met, the GDDR5 SGRAM will 
be in the all banks idle state.
Accessing Mode Register: Starts with registration of a MODE REGISTER SET command and ends when tMRD has been met. Once 
tMRD is met, the GDDR5 SGRAM will be in the all banks idle state.
Precharging All: Starts with registration of a PRECHARGE ALL command and ends when tRP is met. Once tRP is met, all banks 
will be in the idle state.
READ or WRITE: Starts with the registration of the ACTIVE command and ends the last valid data nibble.
6.  All states and sequences not shown are illegal or reserved.
7.  Not bank‐specific; requires that all banks are idle, and bursts are not in progress.
8.  May or may not be bank‐specific; if multiple banks are to be precharged, each must be in a valid state for precharging.
Table 30  Truth Table – Current State Bank n – Command To Bank n 
CURRENT 
STATE
CS#
RAS# CAS#
WE#
COMMAND/ACTION
NOTES
Any
H
X
X
X
DESELECT (NOP/continue previous operation)
L
HHH
NO OPERATION (NOP/continue previous operation)
Idle
LL
H
H
ACTIVE (select and activate row)
LL
L
H
REFRESH
4
LL
LL
MODE REGISTER SET
4
Row Active
LHL
H
READ (select column and start READ burst)
6
LHL
L
WRITE (select column and start WRITE burst)
(WOM, WSM or WDM)
6
L
L
H
L
PRECHARGE (deactivate row in bank or banks)
5
Read
(Auto 
Precharge 
Disabled)
LHL
H
READ (select column and start new READ burst)
6
LHL
L
WRITE (select column and start WRITE burst)
(WOM, WSM or WDM)
6, 8
L
L
H
L
PRECHARGE (only after the READ burst is complete
5
Write
(Auto 
Precharge 
Disabled)
(WOM, WSM 
or WDM)
LHL
H
READ (select column and start READ burst)
6, 7
LHL
L
WRITE (select column and start new WRITE burst)
(WOM, WSM or WDM)
6
L
L
H
L
PRECHARGE (only after the WRITE burst is complete)
5, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com