Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 115 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 115 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 111Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 112Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 113Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 114Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 115Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 116Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 117Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 118Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
115
H5GQ1H24AFR
The WCK2CK training should be performed prior to entering RDQS mode. No WCK2CK training can be 
done when the RDQS mode is active. 
Figure 75. RDQS Mode Timings
EDC1 and EDC3 can be treated as pseudo‐differential to EDC0 and EDC2 respectively, by setting the 
EDC13Inv field, bit A11 in MR4, as shown in Table 34.   
Table 33  EDC pin behavior in RDQS mode including pseudo‐differential RDQS
MRS Set
READ/RDTR
NOP
(except
RD/RDTR/
PDN/SRF)
POWER‐
DOWN/SELF 
REFRESH
RDQS Mode
WCK2CK 
Training
EDC13 Invert
EDC02 
Output
EDC13 
Output
EDC0123 
Output
EDC0123 
Output
On
Off
Off
RDQS
RDQS
1111
High
On
RDQS
Inverted 
RDQS
1111
High
CK#
CK
CMD
DQ
NOP
MRS
1.  MRA = Mode Register address and opcode; BA = bank address; CA = column address
READ
ADDR
MRA MRA
NOP
NOP
NOP
NOP
MRS
NOP
NOP
WCK
WCK#
EDC
CLmrs
BA CA
MRA MRA
tMRD
EDC
Hold
NOP
tMRD
EDC
Hold
Enter RDQS Mode
Exit RDQS Mode
T0
T1
Ta0
Ta1
Tb0
Tb1
Tb2
Tb3
Tb4
Tb5
Tc0
Donʹt Care
3.  Before the READ command, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD must be met.
4.  tWCK2DQO = 0 is shown for illustration purposes.
2.  WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com