Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 113 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 113 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 109Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 110Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 111Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 112Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 113Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 114Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 115Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 116Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 117Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
113
H5GQ1H24AFR
executed with auto precharge disabled and then followed with the earliest possible PRECHARGE command that still accesses 
all of the data in the burst. For write with auto precharge, the precharge period begins when tWR ends, with tWR measured as if 
auto precharge was disabled. The access period starts with registration of the command and ends where the precharge period 
(or tRP) begins. During the precharge period of the read with auto precharge enabled or write with auto precharge enabled 
states, ACTIVE, PRECHARGE, READ and WRITE commands to the other bank may be applied. In either case, all other related 
limitations apply (e.g., contention between read data and write data must be avoided).
4b. The minimum delay from a READ or WRITE command with auto precharge enabled, to a command to a different bank is 
summarized below.
5.  REFRESH and MODE REGISTER SET commands may only be issued when all banks are idle.
6.  All states and sequences not shown are illegal or reserved.
7.  READs or WRITEs listed in the Command/Action column include READs or WRITEs with auto precharge enabled and READs or 
WRITEs with auto precharge disabled.
*** CL = CAS latency (CL)
BL = Burst length
WL = WRITE latency
tWTR = tWTRL if Bank Groups enabled and access to the same bank otherwise tWTR=tWTRS
Table 32  Minimum Delay Between Commands to Different Banks with Auto Precharge Enabled
From Command
To Command
Minimum delay 
(with concurrent auto precharge)
WRITE 
with AUTO 
PRECHARGE
(WOMA)
READ or READ with AUTO PRECHARGE
[WLmrs + (BL/4)] tCK + tWTRL ***
WRITE or WRITE with AUTO PRECHARGE 
(WOM/WOMA, WSM/WSMA or WDM/WDMA)
2 * tCK
PRECHARGE
1 tCK
ACTIVE
1 tCK
WRITE 
with AUTO 
PRECHARGE
(WDMA)
READ or READ with AUTO PRECHARGE
[WL + (BL/4)] tCK + tWTR ***
WRITE or WRITE with AUTO PRECHARGE 
(WOM/WOMA, WSM/WSMA or WDM/WDMA)
2 * tCK
PRECHARGE
2 tCK
ACTIVE
2 tCK
WRITE 
with AUTO 
PRECHARGE
(WSMA)
READ or READ with AUTO PRECHARGE
[WL + (BL/4)] tCK + tWTR  ***
WRITE or WRITE with AUTO PRECHARGE 
(WOM/WOMA, WSM/WSMA or WDM/WDMA)
3 * tCK
PRECHARGE
3 tCK
ACTIVE
3 tCK
READ 
with AUTO 
PRECHARGE
READ or READ with AUTO PRECHARGE
2 * tCK
WRITE or WRITE with AUTO PRECHARGE 
(WOM/WOMA, WSM/WSMA or WDM/ WDMA)
[CLmrs + (BL/4) + 2 ‐ WL] * tCK  ***
PRECHARGE
1 tCK
ACTIVE
1 tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com