Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 158 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 158 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 154Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 155Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 156Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 157Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 158Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 159Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 160Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 161Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 162Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
158
H5GQ1H24AFR
 7.1. SIGNALS
Table 54. Ball-out Description
SYMBOL
TYPE
DESCRIPTION
CK, CK#
Input
Clock: CK and CK# are differential clock inputs. Command inputs are latched on the rising 
edge of CK. Address inputs are latched on the rising edge of CK and the rising edge of CK#. 
All latencies are referenced to CK. CK and CK# are externally terminated.
WCK01, 
WCK01#, 
WCK23, 
WCK23#
Input
Write Clocks: WCK and WCK# are differential clocks used for WRITE data capture and READ 
data output. WCK01/WCK01# is associated with DQ0‐DQ15, DBI0#, DBI1#, EDC0 and EDC1. 
WCK23/WCK23# is associated with DQ16‐DQ31, DBI2#, DBI3#, EDC2 and EDC3.
CKE#
Input
Clock Enable: CKE# LOW activates and CKE# HIGH deactivates the internal clock, device 
input buffers, and output drivers. Taking CKE# HIGH provides PRECHARGE POWER‐
DOWN and SELF REFRESH operations (all banks idle), or ACTIVE POWER‐DOWN (row 
ACTIVE in any bank). CKE# must be maintained LOW throughout read and write accesses. 
The value of CKE# latched at power‐up with RESET# going High determines the termination 
value of the address and command inputs.
CS#
Input
Chip Select: CS# LOW enables and CS# HIGH disables the command decoder. All commands 
are masked when CS# is registered HIGH. CS# provides for external rank selection on systems 
with multiple ranks. CS# is considered part of the command code.
RAS#, 
CAS#,WE#
Input
Command Inputs: RAS#, CAS#, and WE# (along with CS#) define the command being 
entered. 
BA0–BA3
Input
Bank Address Inputs: BA0 ‐ BA3 define to which bank an ACTIVE, READ, WRITE, or 
PRECHARGE command is being applied. BA0‐BA3 also determine which Mode Register is 
accessed with an MODE REGISTER SET command. BA0‐BA3 are sampled with the rising 
edge of CK.
A0–A11 
(A12)
Input
Address Inputs: A0‐A11 (A12) provide the row address for ACTIVE commands, A0‐A5 (A6) 
provide the column address and A8 defines the auto precharge function for READ/WRITE 
commands, to select one location out of the memory array in the respective bank. A8 sampled 
during a PRECHARGE command determines whether the PRECHARGE applies to one bank 
(A8 LOW, bank selected by BA0
‐BA3) or all banks (A8 HIGH). The address inputs also 
provide the op‐code during a MODE REGISTER SET command and the data bits during a 
LDFF command. A8‐A11(A12) are sampled with the rising edge of CK and A0‐A7 are 
sampled with the rising edge of CK#.
DQ0–31
I/O
Data Input/Output: 32‐bit data bus
DBI#0‐3I/O
Data Bus Inversion. DBI#0 is associated with DQ0‐DQ7, DBI#1 is associated with DQ8‐DQ15, 
DBI#2 is associated with DQ16‐DQ23, DBI#3 is associated with DQ24‐DQ31.
EDC0‐3Output
Error Detection Code. The calculated CRC data is transmitted on these pins. In addition these 
pins drive a ‘hold’ pattern when idle and can be used as an RDQS function. EDC0 is 
associated with DQ0‐DQ7, EDC1 is associated with DQ8‐DQ15, EDC2 is associated with 
DQ16‐DQ23, EDC3 is associated with DQ24‐DQ31.
ABI#
Input
Address Bus Inversion 
VddQ
Supply
I/O Power Supply. Isolated on the die for improved noise immunity.
VssQ
Supply
I/O Ground: Isolated on the die for improved noise immunity.
Vdd
Supply
Power Supply
Vss
Supply
Ground
Vrefd
Supply
Reference Voltage for DQ, DBI#, and EDC pins.
Vrefc
Supply
Reference Voltage for address and command pins.
Vpp
Supply
Pump Voltage
MF
Reference
Mirror Function: VDDQ CMOS input. Must be tied to power or ground.
ZQ
Reference
External Reference Pin for autocalibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com