Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 163 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 163 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 159Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 160Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 161Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 162Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 163Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 164Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 165Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 166Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 167Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
163
H5GQ1H24AFR
 7.4. MIRROR FUNCTION (MF) ENABLE and x16 MODE ENABLE
The GDDR5 SGRAM provides a mirror function (MF) pin to change the physical location of the command, 
address, data, and WCK pins assisting in routing devices back to back. The MF ball should be tied directly 
to VSSQ or VDDQ depending on the control line orientation desired.
The GDDR5 SGRAM can operate in a x32 mode or a x16 mode to allow a clamshell configuration with a 
point to point connection on the high speed data signal. The disabled pins in x16 mode should all be in a 
Hi‐Z state, non‐terminating.
The x16 mode is detected at power up on the pin at location C‐13 which is EDC1 when configured to MF=0 
and EDC2 when configured to MF=1. For x16 mode this pin is tied to VSSQ; the pin is part of the two bytes 
that are disabled in this mode and therefore not needed for EDC functionality. For x32 mode this pin is 
active and always terminated to VDDQ in the system or by the controller. The configuration is set with 
RESET# going High. Once the configuration has been set, it cannot be changed during normal operation. 
Usually the configuration is fixed in the system. Details of the x16 mode detection are depicted in Figure . 
A comparison of x32 mode and x16 mode systems is shown in Figure . 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com