Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 168 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 168 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 164Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 165Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 166Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 167Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 168Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 169Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 170Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 171Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 172Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
168
H5GQ1H24AFR
BOUNDARY SCAN
The GDDR5 SGRAM incorporates a modified boundary scan test mode. This mode does not operate in 
accordance with IEEE Standard 1149.1‐1990. To save the current GDDR5 SGRAM’s ball‐out, this mode will 
scan the parallel data input and output the scanned data on EDC0 located at C‐2 controlled by an add‐on 
pin, SEN which is located at J‐10 of the 170 ball package. 
Scan mode is entered directly after power‐up while the device is in reset state. This ensures that no 
unwanted access commands are being executed prior to scan mode.
Boundary scan does not distinguish between x16 and x32 modes, and data is captured on all pins. The user 
has to make sure to mask those bits in the test program which are not wired in the system.
For normal device operation, i.e. after scan mode operation, it is required that device re‐initialization 
occurs through device power‐down and then power‐up.
It is possible to operate the GDDR5 SGRAM without using the boundary scan feature. SEN should be tied 
Low to prevent the device from entering the boundary scan mode. The other pins which are used for scan 
mode (RESET#, MF, EDC0 and CS#) will be operating as normal when SEN is deasserted.
Note: When the device is in scan mode, mirror function is disabled (MF=0) and none of the pins are remapped.
Table 58. Boundary Scan Exit Order
BIT#
BALL
BIT#
BALL
BIT#
BALL
BIT#
BALL
BIT#
BALL
1D‐513
J‐325
T‐237
M‐11
49
E‐13
2D‐414
K‐426
T‐438
M‐13
50
E‐11
3D‐215
K‐527
U‐239
L‐12
51
D‐13
4E‐416
L‐328
U‐440
K‐10
52
C‐13
5E‐217
M‐229
U‐11
41
K‐11
53
B‐13
6F‐418
M‐430
U‐13
42
J‐13
54
B‐11
7F‐219
N‐231
T‐11
43
J‐12
55
A‐13
8G‐320
N‐432
T‐13
44
J‐11
56
A‐11
9H‐521
P‐233
R‐13
45
H‐11
57
A‐4
10
H‐422
P‐434
P‐13
46
H‐10
58
A‐2
11
J‐523
P‐535
N‐11
47
F‐13
59
B‐4
12
J‐424
R‐236
N‐13
48
F‐11
60
B‐2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com