Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 30Page - fujitsu semiconductor MB96310 Datasheet HTML 31Page - fujitsu semiconductor MB96310 Datasheet HTML 32Page - fujitsu semiconductor MB96310 Datasheet HTML 33Page - fujitsu semiconductor MB96310 Datasheet HTML 34Page - fujitsu semiconductor MB96310 Datasheet HTML 35Page - fujitsu semiconductor MB96310 Datasheet HTML 36Page - fujitsu semiconductor MB96310 Datasheet HTML 37Page - fujitsu semiconductor MB96310 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
34
DS07-13808-2E
MB96310 Series
000573H
PPG7 - Control status register High
PCNH7
R/W
000574H
PPG11-PPG8 - General Control register 1 Low
GCN1L2
GCN12
R/W
000575H
PPG11-PPG8 - General Control register 1 High
GCN1H2
R/W
000576H
PPG11-PPG8 - General Control register 2 Low
GCN2L2
GCN22
R/W
000577H
PPG11-PPG8 - General Control register 2 High
GCN2H2
R/W
000578H
PPG8 - Timer register
PTMR8
R
000579H
PPG8 - Timer register
R
00057AH
PPG8 - Period setting register
PCSR8
W
00057BH
PPG8 - Period setting register
W
00057CH
PPG8 - Duty cycle register
PDUT8
W
00057DH
PPG8 - Duty cycle register
W
00057EH
PPG8 - Control status register Low
PCNL8
PCN8
R/W
00057FH
PPG8 - Control status register High
PCNH8
R/W
000580H
PPG9 - Timer register
PTMR9
R
000581H
PPG9 - Timer register
R
000582H
PPG9 - Period setting register
PCSR9
W
000583H
PPG9 - Period setting register
W
000584H
PPG9 - Duty cycle register
PDUT9
W
000585H
PPG9 - Duty cycle register
W
000586H
PPG9 - Control status register Low
PCNL9
PCN9
R/W
000587H
PPG9 - Control status register High
PCNH9
R/W
000588H-
000597H
Reserved
-
000598H
PPG15-PPG12 - General Control register 1 Low
GCN1L3
GCN13
R/W
000599H
PPG15-PPG12 - General Control register 1 High
GCN1H3
R/W
00059AH
PPG15-PPG12 - General Control register 2 Low
GCN2L3
GCN23
R/W
00059BH
PPG15-PPG12 - General Control register 2 High
GCN2H3
R/W
00059CH
PPG12 - Timer register
PTMR12
R
00059DH
PPG12 - Timer register
R
00059EH
PPG12 - Period setting register
PCSR12
W
I/O map MB96(F)315x (17 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com