Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 18Page - fujitsu semiconductor MB96310 Datasheet HTML 19Page - fujitsu semiconductor MB96310 Datasheet HTML 20Page - fujitsu semiconductor MB96310 Datasheet HTML 21Page - fujitsu semiconductor MB96310 Datasheet HTML 22Page - fujitsu semiconductor MB96310 Datasheet HTML 23Page - fujitsu semiconductor MB96310 Datasheet HTML 24Page - fujitsu semiconductor MB96310 Datasheet HTML 25Page - fujitsu semiconductor MB96310 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
22
DS07-13808-2E
MB96310 Series
000087H
PPG1 - Control status register High
PCNH1
R/W
000088H-
00008FH
Reserved
-
000090H
PPG3 - Timer register
PTMR3
R
000091H
PPG3 - Timer register
R
000092H
PPG3 - Period setting register
PCSR3
W
000093H
PPG3 - Period setting register
W
000094H
PPG3 - Duty cycle register
PDUT3
W
000095H
PPG3 - Duty cycle register
W
000096H
PPG3 - Control status register Low
PCNL3
PCN3
R/W
000097H
PPG3 - Control status register High
PCNH3
R/W
000098H
PPG7-PPG4 - General Control register 1 Low
GCN1L1
GCN11
R/W
000099H
PPG7-PPG4 - General Control register 1 High
GCN1H1
R/W
00009AH
PPG7-PPG4 - General Control register 2 Low
GCN2L1
GCN21
R/W
00009BH
PPG7-PPG4 - General Control register 2 High
GCN2H1
R/W
00009CH
PPG4 - Timer register
PTMR4
R
00009DH
PPG4 - Timer register
R
00009EH
PPG4 - Period setting register
PCSR4
W
00009FH
PPG4 - Period setting register
W
0000A0H
PPG4 - Duty cycle register
PDUT4
W
0000A1H
PPG4 - Duty cycle register
W
0000A2H
PPG4 - Control status register Low
PCNL4
PCN4
R/W
0000A3H
PPG4 - Control status register High
PCNH4
R/W
0000A4H-
0000D3H
Reserved
-
0000D4H
USART2 - Serial Mode Register
SMR2
R/W
0000D5H
USART2 - Serial Control Register
SCR2
R/W
0000D6H
USART2 - TX Register
TDR2
W
0000D6H
USART2 - RX Register
RDR2
R
0000D7H
USART2 - Serial Status
SSR2
R/W
0000D8H
USART2 - Control/Com. Register
ECCR2
R/W
I/O map MB96(F)315x (5 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com