Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 76 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 76 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 72Page - fujitsu semiconductor MB96310 Datasheet HTML 73Page - fujitsu semiconductor MB96310 Datasheet HTML 74Page - fujitsu semiconductor MB96310 Datasheet HTML 75Page - fujitsu semiconductor MB96310 Datasheet HTML 76Page - fujitsu semiconductor MB96310 Datasheet HTML 77Page - fujitsu semiconductor MB96310 Datasheet HTML 78Page - fujitsu semiconductor MB96310 Datasheet HTML 79Page - fujitsu semiconductor MB96310 Datasheet HTML 80Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
76
DS07-13808-2E
MB96310 Series
MB96F313/F315 operation modes with medium currents
MB96F313/F315 Low power mode currents
0
1
2
3
4
5
-60
-40
-20
+20
+40
+60
+80
+100
+120
0
Ta [ºC]
PLL Timer 48
RC Run 2 M
Main Run
Main Sleep
RC Sleep 2 M
0.001
0.01
0.1
1
Ta [ºC]
-60
-40
-20
0
+20
+40
+60
+80
+100
+120
RC Run 100 k
Sub Run
Main Timer
RC Timer 2 M
RC Sleep 100 k
Sub Sleep
Sub Timer
RC Timer 100 k
Stop 1.8 V
Stop 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com