Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 20Page - fujitsu semiconductor MB96310 Datasheet HTML 21Page - fujitsu semiconductor MB96310 Datasheet HTML 22Page - fujitsu semiconductor MB96310 Datasheet HTML 23Page - fujitsu semiconductor MB96310 Datasheet HTML 24Page - fujitsu semiconductor MB96310 Datasheet HTML 25Page - fujitsu semiconductor MB96310 Datasheet HTML 26Page - fujitsu semiconductor MB96310 Datasheet HTML 27Page - fujitsu semiconductor MB96310 Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
24
DS07-13808-2E
MB96310 Series
000118H
DMA3 - Buffer address pointer low byte
BAPL3
R/W
000119H
DMA3 - Buffer address pointer middle byte
BAPM3
R/W
00011AH
DMA3 - Buffer address pointer high byte
BAPH3
R/W
00011BH
DMA3 - DMA control register
DMACS3
R/W
00011CH
DMA3 - I/O register address pointer low byte
IOAL3
IOA3
R/W
00011DH
DMA3 - I/O register address pointer high byte
IOAH3
R/W
00011EH
DMA3 - Data counter low byte
DCTL3
DCT3
R/W
00011FH
DMA3 - Data counter high byte
DCTH3
R/W
000120H-
00017FH
Reserved
-
000180H-
00037FH
CPU - General Purpose registers (RAM access)
GPR_RAM
R/W
000380H
DMA0 - Interrupt select
DISEL0
R/W
000381H
DMA1 - Interrupt select
DISEL1
R/W
000382H
DMA2 - Interrupt select
DISEL2
R/W
000383H
DMA3 - Interrupt select
DISEL3
R/W
000384H-
00038FH
Reserved
-
000390H
DMA - Status register low byte
DSRL
DSR
R/W
000391H
DMA - Status register high byte
DSRH
R/W
000392H
DMA - Stop status register low byte
DSSRL
DSSR
R/W
000393H
DMA - Stop status register high byte
DSSRH
R/W
000394H
DMA - Enable register low byte
DERL
DER
R/W
000395H
DMA - Enable register high byte
DERH
R/W
000396H-
00039FH
Reserved
-
0003A0H
Interrupt level register
ILR
ICR
R/W
0003A1H
Interrupt index register
IDX
R/W
0003A2H
Interrupt vector table base register Low
TBRL
TBR
R/W
0003A3H
Interrupt vector table base register High
TBRH
R/W
0003A4H
Delayed Interrupt register
DIRR
R/W
I/O map MB96(F)315x (7 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com