Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 69 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 69 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 65Page - fujitsu semiconductor MB96310 Datasheet HTML 66Page - fujitsu semiconductor MB96310 Datasheet HTML 67Page - fujitsu semiconductor MB96310 Datasheet HTML 68Page - fujitsu semiconductor MB96310 Datasheet HTML 69Page - fujitsu semiconductor MB96310 Datasheet HTML 70Page - fujitsu semiconductor MB96310 Datasheet HTML 71Page - fujitsu semiconductor MB96310 Datasheet HTML 72Page - fujitsu semiconductor MB96310 Datasheet HTML 73Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
MB96310 Series
DS07-13808-2E
69
6. Low Voltage Detector characteristics
CILCR:LVL[3:0] are the low voltage detector level select bits of the CILCR register.
For correct detection, the slope of the voltage level must satisfy
.
Faster variations are regarded as noise and may not be detected.
The functional operation of the MCU is guaranteed down to the minimum low voltage detection level of
“Level 0” (VDL0_MIN). The electrical characteristics however are only valid in the specified range (usually down to
3.0V).
(TA = -40 °C to +125 °C, Vcc = AVcc = 3.0V - 5.5V, Vss = AVss = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Stabilization time
TLVDSTAB
-
110
μs
After power-up or change
of detection level
Level 0
VDL0
2.5
2.9
V
CILCR:LVL[3:0]=”0000”
Level 1
VDL1
2.8
3.2
V
CILCR:LVL[3:0]=”0001”
Level 2
VDL2
33.4
V
CILCR:LVL[3:0]=”0010”
Level 3
VDL3
3.35
3.8
V
CILCR:LVL[3:0]=”0011”
Level 4
VDL4
3.5
3.95
V
CILCR:LVL[3:0]=”0100”
Level 5
VDL5
3.6
4.1
V
CILCR:LVL[3:0]=”0101”
Level 6
VDL6
3.7
4.2
V
CILCR:LVL[3:0]=”0110”
Level 7
VDL7
3.8
4.3
V
CILCR:LVL[3:0]=”0111”
Level 8
VDL8
3.9
4.4
V
CILCR:LVL[3:0]=”1000”
Level 9
VDL9
3.95
4.5
V
CILCR:LVL[3:0]=”1001”
Level 10
VDL10
not used
Level 11
VDL11
not used
Level 12
VDL12
2.6
3
V
CILCR:LVL[3:0]=”1100”
Level 13
VDL13
not used
Level 14
VDL14
not used
Level 15
VDL15
not used
dV ≤0.004 V
dt
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com