Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 23Page - fujitsu semiconductor MB96310 Datasheet HTML 24Page - fujitsu semiconductor MB96310 Datasheet HTML 25Page - fujitsu semiconductor MB96310 Datasheet HTML 26Page - fujitsu semiconductor MB96310 Datasheet HTML 27Page - fujitsu semiconductor MB96310 Datasheet HTML 28Page - fujitsu semiconductor MB96310 Datasheet HTML 29Page - fujitsu semiconductor MB96310 Datasheet HTML 30Page - fujitsu semiconductor MB96310 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
MB96310 Series
DS07-13808-2E
27
0003F4H-
0003F8H
Reserved
-
0003F9H
Flash Memory Write Control register 1
FMWC1
R/W
0003FAH
Flash Memory Write Control register 2
FMWC2
R/W
0003FBH
Flash Memory Write Control register 3
FMWC3
R/W
0003FCH
Flash Memory Write Control register 4
FMWC4
R/W
0003FDH
Flash Memory Write Control register 5
FMWC5
R/W
0003FEH-
0003FFH
Reserved
-
000400H
Standby Mode control register
SMCR
R/W
000401H
Clock select register
CKSR
R/W
000402H
Clock Stabilization select register
CKSSR
R/W
000403H
Clock monitor register
CKMR
R
000404H
Clock Frequency control register Low
CKFCRL
CKFCR
R/W
000405H
Clock Frequency control register High
CKFCRH
R/W
000406H
PLL Control register Low
PLLCRL
PLLCR
R/W
000407H
PLL Control register High
PLLCRH
R/W
000408H
RC clock timer control register
RCTCR
R/W
000409H
Main clock timer control register
MCTCR
R/W
00040AH
Sub clock timer control register
SCTCR
R/W
00040BH
Reset cause and clock status register with clear
function
RCCSRC
R
00040CH
Reset configuration register
RCR
R/W
00040DH
Reset cause and clock status register
RCCSR
R
00040EH
Watch dog timer configuration register
WDTC
R/W
00040FH
Watch dog timer clear pattern register
WDTCP
W
000410H-
000414H
Reserved
-
000415H
Clock output activation register
COAR
R/W
000416H
Clock output configuration register 0
COCR0
R/W
000417H
Clock output configuration register 1
COCR1
R/W
I/O map MB96(F)315x (10 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com