Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 77 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 77 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 73Page - fujitsu semiconductor MB96310 Datasheet HTML 74Page - fujitsu semiconductor MB96310 Datasheet HTML 75Page - fujitsu semiconductor MB96310 Datasheet HTML 76Page - fujitsu semiconductor MB96310 Datasheet HTML 77Page - fujitsu semiconductor MB96310 Datasheet HTML 78Page - fujitsu semiconductor MB96310 Datasheet HTML 79Page - fujitsu semiconductor MB96310 Datasheet HTML 80Page - fujitsu semiconductor MB96310 Datasheet HTML 81Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
MB96310 Series
DS07-13808-2E
77
2. Frequency dependency of power supply currents in PLL Run mode
The following diagrams show the current consumption of samples with typical wafer process parameters in PLL
Run mode at different frequencies and Flash timing settings.
Measurement conditions:
•VCC = AVCC = 5.0V
•
Ta = 25°C
•fCLKS1 = fCLKB or fCLKS1 = 2*fCLKB as described in diagram
•fCLKS2 = fCLKS1
•fCLKP1 = fCLKB
•fCLKP2 = fCLKB/2
•
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B) or 1.9V (VRCR:HPM[1:0] = 11B) as described in diagram
•
Main clock = 4MHz external clock
•
Flash memory timing settings:
• MTCRA=2128H/2208H (0 Flash wait states, fCLKS1 = 2*fCLKB)
• MTCRA=0239H/2129H (1 Flash wait state, fCLKS1 = fCLKB)
•MTCRA=4C09H/6B09H (1 Flash wait state, fCLKS1 = 2*fCLKB)
• MTCRA=233AH (2 Flash wait states, fCLKS1 = fCLKB)
•
Average Flash access rate (number of read accesses to the Flash per CLKB clock cycle, no buffer hit):
• 0 Flash wait states: 0.5
• 1 Flash wait states: 0.33
• 2 Flash wait states: 0.25
MB96F313/F315 PLL Run mode currents
0
5
10
15
20
25
30
35
40
45
04
8
12
16
20
24
28
32
36
40
44
48
52
56
CLKB/CLKP1 (MHz)
1 Flash wait state
(CLKS1=2*CLKB, 1.9 V)
1 Flash wait state
(CLKS1=2*CLKB, 1.8 V)
0 Flash wait states
(CLKS1=2*CLKB, 1.8 V)
1 Flash wait state
(CLKS1=CLKB, 1.8V)
2 Flash wait states
(CLKS1=CLKB, 1.8 V)
2 Flash wait states
(CLKS1=CLKB, 1.9 V)
: Specified in "DC characteristics"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com