Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 14Page - fujitsu semiconductor MB96310 Datasheet HTML 15Page - fujitsu semiconductor MB96310 Datasheet HTML 16Page - fujitsu semiconductor MB96310 Datasheet HTML 17Page - fujitsu semiconductor MB96310 Datasheet HTML 18Page - fujitsu semiconductor MB96310 Datasheet HTML 19Page - fujitsu semiconductor MB96310 Datasheet HTML 20Page - fujitsu semiconductor MB96310 Datasheet HTML 21Page - fujitsu semiconductor MB96310 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
18
DS07-13808-2E
MB96310 Series
■ I/O MAP
I/O map MB96(F)315x (1 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access
000000H
I/O Port P00 - Port Data Register
PDR00
R/W
000001H
I/O Port P01 - Port Data Register
PDR01
R/W
000002H
I/O Port P02 - Port Data Register
PDR02
R/W
000003H
I/O Port P03 - Port Data Register
PDR03
R/W
000004H
Reserved
-
000005H
I/O Port P05 - Port Data Register
PDR05
R/W
000006H
I/O Port P06 - Port Data Register
PDR06
R/W
000007H
I/O Port P07 - Port Data Register
PDR07
R/W
000008H-
000017H
Reserved
-
000018H
ADC0 - Control Status register Low
ADCSL
ADCS
R/W
000019H
ADC0 - Control Status register High
ADCSH
R/W
00001AH
ADC0 - Data Register Low
ADCRL
ADCR
R
00001BH
ADC0 - Data Register High
ADCRH
R
00001CH
ADC0 - Setting Register
ADSR
R/W
00001DH
ADC0 - Setting Register
R/W
00001EH
ADC0 - Extended Configuration Register
ADECR
R/W
00001FH
Reserved
-
000020H
FRT0 - Data register of free-running timer
TCDT0
R/W
000021H
FRT0 - Data register of free-running timer
R/W
000022H
FRT0 - Control status register of free-running timer
Low
TCCSL0
TCCS0
R/W
000023H
FRT0 - Control status register of free-running timer
High
TCCSH0
R/W
000024H
FRT1 - Data register of free-running timer
TCDT1
R/W
000025H
FRT1 - Data register of free-running timer
R/W
000026H
FRT1 - Control status register of free-running timer
Low
TCCSL1
TCCS1
R/W
000027H
FRT1 - Control status register of free-running timer
High
TCCSH1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com