Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 71 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 71 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 67Page - fujitsu semiconductor MB96310 Datasheet HTML 68Page - fujitsu semiconductor MB96310 Datasheet HTML 69Page - fujitsu semiconductor MB96310 Datasheet HTML 70Page - fujitsu semiconductor MB96310 Datasheet HTML 71Page - fujitsu semiconductor MB96310 Datasheet HTML 72Page - fujitsu semiconductor MB96310 Datasheet HTML 73Page - fujitsu semiconductor MB96310 Datasheet HTML 74Page - fujitsu semiconductor MB96310 Datasheet HTML 75Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
MB96310 Series
DS07-13808-2E
71
7. FLASH memory program/erase characteristics
*1: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius
equation to convert high temperature measurements into normalized value at 85oC)
(TA = -40°C to 105°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.9
3.6
s
Without erasure pre-program-
ming time
Chip erase time
-
n*0.9
n*3.6
s
Without erasure pre-program-
ming time (n is the number of
Flash sector of the device)
Word (16-bit width) programming time
-
23
370
us
Without overhead time for sub-
mitting write command
Program/Erase cycle
10000
-
-
cycle
Flash data retention time
20
-
-
year
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com