Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 24Page - fujitsu semiconductor MB96310 Datasheet HTML 25Page - fujitsu semiconductor MB96310 Datasheet HTML 26Page - fujitsu semiconductor MB96310 Datasheet HTML 27Page - fujitsu semiconductor MB96310 Datasheet HTML 28Page - fujitsu semiconductor MB96310 Datasheet HTML 29Page - fujitsu semiconductor MB96310 Datasheet HTML 30Page - fujitsu semiconductor MB96310 Datasheet HTML 31Page - fujitsu semiconductor MB96310 Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
28
DS07-13808-2E
MB96310 Series
000418H
Clock Modulator control register
CMCR
R/W
000419H
Reserved
-
00041AH
Clock Modulator Parameter register Low
CMPRL
CMPR
R/W
00041BH
Clock Modulator Parameter register High
CMPRH
R/W
00041CH-
00042BH
Reserved
-
00042CH
Voltage Regulator Control register
VRCR
R/W
00042DH
Clock Input and LVD Control Register
CILCR
R/W
00042EH-
00042FH
Reserved
-
000430H
I/O Port P00 - Data Direction Register
DDR00
R/W
000431H
I/O Port P01 - Data Direction Register
DDR01
R/W
000432H
I/O Port P02 - Data Direction Register
DDR02
R/W
000433H
I/O Port P03 - Data Direction Register
DDR03
R/W
000434H
Reserved
-
000435H
I/O Port P05 - Data Direction Register
DDR05
R/W
000436H
I/O Port P06 - Data Direction Register
DDR06
R/W
000437H
I/O Port P07 - Data Direction Register
DDR07
R/W
000438H-
000443H
Reserved
-
000444H
I/O Port P00 - Port Input Enable Register
PIER00
R/W
000445H
I/O Port P01 - Port Input Enable Register
PIER01
R/W
000446H
I/O Port P02 - Port Input Enable Register
PIER02
R/W
000447H
I/O Port P03 - Port Input Enable Register
PIER03
R/W
000448H
Reserved
-
000449H
I/O Port P05 - Port Input Enable Register
PIER05
R/W
00044AH
I/O Port P06 - Port Input Enable Register
PIER06
R/W
00044BH
I/O Port P07 - Port Input Enable Register
PIER07
R/W
00044CH-
000457H
Reserved
-
000458H
I/O Port P00 - Port Input Level Register
PILR00
R/W
I/O map MB96(F)315x (11 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com