Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 26Page - fujitsu semiconductor MB96310 Datasheet HTML 27Page - fujitsu semiconductor MB96310 Datasheet HTML 28Page - fujitsu semiconductor MB96310 Datasheet HTML 29Page - fujitsu semiconductor MB96310 Datasheet HTML 30Page - fujitsu semiconductor MB96310 Datasheet HTML 31Page - fujitsu semiconductor MB96310 Datasheet HTML 32Page - fujitsu semiconductor MB96310 Datasheet HTML 33Page - fujitsu semiconductor MB96310 Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
30
DS07-13808-2E
MB96310 Series
0004AAH
I/O Port P02 - Pull-Up resistor Control Register
PUCR02
R/W
0004ABH
I/O Port P03 - Pull-Up resistor Control Register
PUCR03
R/W
0004ACH
Reserved
-
0004ADH
I/O Port P05 - Pull-Up resistor Control Register
PUCR05
R/W
0004AEH
I/O Port P06 - Pull-Up resistor Control Register
PUCR06
R/W
0004AFH
I/O Port P07 - Pull-Up resistor Control Register
PUCR07
R/W
0004B0H-
0004BBH
Reserved
-
0004BCH
I/O Port P00 - External Pin State Register
EPSR00
R
0004BDH
I/O Port P01 - External Pin State Register
EPSR01
R
0004BEH
I/O Port P02 - External Pin State Register
EPSR02
R
0004BFH
I/O Port P03 - External Pin State Register
EPSR03
R
0004C0H
Reserved
-
0004C1H
I/O Port P05 - External Pin State Register
EPSR05
R
0004C2H
I/O Port P06 - External Pin State Register
EPSR06
R
0004C3H
I/O Port P07 - External Pin State Register
EPSR07
R
0004C4H-
0004CFH
Reserved
-
0004D0H
ADC analog input enable register 0
ADER0
R/W
0004D1H
ADC analog input enable register 1
ADER1
R/W
0004D2H
ADC analog input enable register 2
ADER2
R/W
0004D3H
ADC analog input enable register 3
ADER3
R/W
0004D4H
ADC analog input enable register 4
ADER4
R/W
0004D5H
Reserved
-
0004D6H
Peripheral Resource Relocation Register 0
PRRR0
R/W
0004D7H
Peripheral Resource Relocation Register 1
PRRR1
R/W
0004D8H
Peripheral Resource Relocation Register 2
PRRR2
R/W
0004D9H
Peripheral Resource Relocation Register 3
PRRR3
R/W
0004DAH
Peripheral Resource Relocation Register 4
PRRR4
R/W
0004DBH
Peripheral Resource Relocation Register 5
PRRR5
R/W
0004DCH
Peripheral Resource Relocation Register 6
PRRR6
R/W
I/O map MB96(F)315x (13 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com