Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 40 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 40 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 36Page - fujitsu semiconductor MB96310 Datasheet HTML 37Page - fujitsu semiconductor MB96310 Datasheet HTML 38Page - fujitsu semiconductor MB96310 Datasheet HTML 39Page - fujitsu semiconductor MB96310 Datasheet HTML 40Page - fujitsu semiconductor MB96310 Datasheet HTML 41Page - fujitsu semiconductor MB96310 Datasheet HTML 42Page - fujitsu semiconductor MB96310 Datasheet HTML 43Page - fujitsu semiconductor MB96310 Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
40
DS07-13808-2E
MB96310 Series
Registers of resources which are described in this table, but which are not supported by the device, should
also be handled as “Reserved”.
■ INTERRUPT VECTOR TABLE
Interrupt vector table MB96(F)31x (1 of 3)
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description
03FCH
CALLV0
No
-
13F8H
CALLV1
No
-
23F4H
CALLV2
No
-
33F0H
CALLV3
No
-
43ECH
CALLV4
No
-
53E8H
CALLV5
No
-
63E4H
CALLV6
No
-
73E0H
CALLV7
No
-
83DCH
RESET
No
-
93D8H
INT9
No
-
10
3D4H
EXCEPTION
No
-
11
3D0H
NMI
No
-
Non-Maskable Interrupt
12
3CCH
DLY
No
12
Delayed Interrupt
13
3C8H
RC_TIMER
No
13
RC Timer
14
3C4H
MC_TIMER
No
14
Main Clock Timer
15
3C0H
SC_TIMER
No
15
Sub Clock Timer
16
3BCH
PLL_UNLOCK
No
16
Reserved
17
3B8H
EXTINT0
Yes
17
External Interrupt 0
18
3B4H
Reserved
19
3B0H
EXTINT2
Yes
19
External Interrupt 2
20
3ACH
EXTINT3
Yes
20
External Interrupt 3
21
3A8H
EXTINT4
Yes
21
External Interrupt 4
22
3A4H
Reserved
23
3A0H
EXTINT7
Yes
23
External Interrupt 7
24
39CH
EXTINT8
Yes
24
External Interrupt 8
25
398H
EXTINT9
Yes
25
External Interrupt 9
26
394H
EXTINT10
Yes
26
External Interrupt 10
27
390H
EXTINT11
Yes
27
External Interrupt 11
28
38CH
EXTINT12
Yes
28
External Interrupt 12
29
388H
EXTINT13
Yes
29
External Interrupt 13
30
384H
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com