Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 33Page - fujitsu semiconductor MB96310 Datasheet HTML 34Page - fujitsu semiconductor MB96310 Datasheet HTML 35Page - fujitsu semiconductor MB96310 Datasheet HTML 36Page - fujitsu semiconductor MB96310 Datasheet HTML 37Page - fujitsu semiconductor MB96310 Datasheet HTML 38Page - fujitsu semiconductor MB96310 Datasheet HTML 39Page - fujitsu semiconductor MB96310 Datasheet HTML 40Page - fujitsu semiconductor MB96310 Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
MB96310 Series
DS07-13808-2E
37
000901H
CAN2 - Control register High (reserved)
CTRLRH2
R
000902H
CAN2 - Status register Low
STATRL2
STATR2
R/W
000903H
CAN2 - Status register High (reserved)
STATRH2
R
000904H
CAN2 - Error Counter Low (Transmit)
ERRCNTL2
ERRCNT2
R
000905H
CAN2 - Error Counter High (Receive)
ERRCNTH2
R
000906H
CAN2 - Bit Timing Register Low
BTRL2
BTR2
R/W
000907H
CAN2 - Bit Timing Register High
BTRH2
R/W
000908H
CAN2 - Interrupt Register Low
INTRL2
INTR2
R
000909H
CAN2 - Interrupt Register High
INTRH2
R
00090AH
CAN2 - Test Register Low
TESTRL2
TESTR2
R/W
00090BH
CAN2 - Test Register High (reserved)
TESTRH2
R
00090CH
CAN2 - BRP Extension register Low
BRPERL2
BRPER2
R/W
00090DH
CAN2 - BRP Extension register High (reserved)
BRPERH2
R
00090EH-
00090FH
Reserved
-
000910H
CAN2 - IF1 Command request register Low
IF1CREQL2
IF1CREQ2
R/W
000911H
CAN2 - IF1 Command request register High
IF1CREQH2
R/W
000912H
CAN2 - IF1 Command Mask register Low
IF1CMSKL2
IF1CMSK2
R/W
000913H
CAN2 - IF1 Command Mask register High (re-
served)
IF1CMSKH2
R
000914H
CAN2 - IF1 Mask 1 Register Low
IF1MSK1L2
IF1MSK12
R/W
000915H
CAN2 - IF1 Mask 1 Register High
IF1MSK1H2
R/W
000916H
CAN2 - IF1 Mask 2 Register Low
IF1MSK2L2
IF1MSK22
R/W
000917H
CAN2 - IF1 Mask 2 Register High
IF1MSK2H2
R/W
000918H
CAN2 - IF1 Arbitration 1 Register Low
IF1ARB1L2
IF1ARB12
R/W
000919H
CAN2 - IF1 Arbitration 1 Register High
IF1ARB1H2
R/W
00091AH
CAN2 - IF1 Arbitration 2 Register Low
IF1ARB2L2
IF1ARB22
R/W
00091BH
CAN2 - IF1 Arbitration 2 Register High
IF1ARB2H2
R/W
00091CH
CAN2 - IF1 Message Control Register Low
IF1MCTRL2
IF1MCTR2
R/W
00091DH
CAN2 - IF1 Message Control Register High
IF1MCTRH2
R/W
00091EH
CAN2 - IF1 Data A1 Low
IF1DTA1L2
IF1DTA12
R/W
I/O map MB96(F)315x (20 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com