Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 43 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 43 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 39Page - fujitsu semiconductor MB96310 Datasheet HTML 40Page - fujitsu semiconductor MB96310 Datasheet HTML 41Page - fujitsu semiconductor MB96310 Datasheet HTML 42Page - fujitsu semiconductor MB96310 Datasheet HTML 43Page - fujitsu semiconductor MB96310 Datasheet HTML 44Page - fujitsu semiconductor MB96310 Datasheet HTML 45Page - fujitsu semiconductor MB96310 Datasheet HTML 46Page - fujitsu semiconductor MB96310 Datasheet HTML 47Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
MB96310 Series
DS07-13808-2E
43
■ HANDLING DEVICES
Special care is required for the following when handling the device:
• Latch-up prevention
• Unused pins handling
• External clock usage
• Unused sub clock signal
• Notes on PLL clock mode operation
• Power supply pins (VCC/VSS)
• Crystal oscillator circuit
• Turn on sequence of power supply to A/D converter and analog inputs
• Pin handling when not using the A/D converter
• Notes on energization
• Stabilization of power supply voltage
• Serial communication
1.
Latch-up prevention
CMOS IC chips may suffer latch-up under the following conditions:
• A voltage higher than VCC or lower than VSS is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between VCC pins and VSS pins.
Latch-up may increase the power supply current dramatically, causing thermal damages to the device.
2.
Unused pins handling
Unused input pins can be left open when the input is disabled (corresponding bit of Port Input Enable register
PIER = 0).
Leaving unused input pins open when the input is enabled may result in misbehavior and possible permanent
damage of the device. They must therefore be pulled up or pulled down through resistors. To prevent latch-up,
those resistors should be more than 2 k
Ω.
Unused bidirectional pins can be set either to the output state and be then left open, or to the input state with
either input disabled or external pull-up/pull-down resistor as described above.
3.
External clock usage
The permitted frequency range of an external clock depends on the oscillator type and configuration. See AC
Characteristics for detailed modes and frequency limits. Single and opposite phase external clocks must be
connected as follows:
1. Single phase external clock
• When using a single phase external clock, X0 (X0A) pin must be driven and X1 (X1A) pin left open.
X0
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com