Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 57 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 57 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 53Page - fujitsu semiconductor MB96310 Datasheet HTML 54Page - fujitsu semiconductor MB96310 Datasheet HTML 55Page - fujitsu semiconductor MB96310 Datasheet HTML 56Page - fujitsu semiconductor MB96310 Datasheet HTML 57Page - fujitsu semiconductor MB96310 Datasheet HTML 58Page - fujitsu semiconductor MB96310 Datasheet HTML 59Page - fujitsu semiconductor MB96310 Datasheet HTML 60Page - fujitsu semiconductor MB96310 Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
MB96310 Series
DS07-13808-2E
57
4. AC Characteristics
Source Clock timing
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
-
16
MHz When using a crystal oscillator, PLL off
0-
16
MHz
When using an opposite phase external
clock, PLL off
3.5
-
16
MHz
When using a crystal oscillator or oppo-
site phase external clock, PLL on
Clock frequency
fFCI
X0
0-
56
MHz
When using a single phase external
clock in “Fast Clock Input mode” , PLL off
3.5
-
56
MHz
When using a single phase external
clock in “Fast Clock Input mode” , PLL on
Clock frequency
fCL
X0A, X1A
32
32.768
100
kHz When using an oscillation circuit
0
-
100
kHz
When using an opposite phase external
clock
X0A
0
-
50
kHz
When using a single phase external
clock
Clock frequency
fCR
-
50
100
200
kHz
When using slow frequency of RC oscil-
lator
12
4
MHz
When using fast frequency of RC oscil-
lator
RC clock stabili-
zation time
tRCSTAB
-
256 RC clock cycles
Applied after any reset and when acti-
vating the RC oscillator.
PLL Clock fre-
quency
fCLKVCO
-
64
-
200
MHz
Permitted VCO output frequency of PLL
(CLKVCO)
PLL Phase Jitter
TPSKEW
--
-
± 5ns
For CLKMC (PLL input clock)
≥ 4MHz,
jitter coming from external oscillator,
crystal or resonator is not covered
Input clock pulse
width
PWH, PWL
X0,X1
8
-
-
ns
Duty ratio is about 30% to 70%
Input clock pulse
width
PWHL, PWLL
X0A,X1A
5
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com