Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 75 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 75 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 71Page - fujitsu semiconductor MB96310 Datasheet HTML 72Page - fujitsu semiconductor MB96310 Datasheet HTML 73Page - fujitsu semiconductor MB96310 Datasheet HTML 74Page - fujitsu semiconductor MB96310 Datasheet HTML 75Page - fujitsu semiconductor MB96310 Datasheet HTML 76Page - fujitsu semiconductor MB96310 Datasheet HTML 77Page - fujitsu semiconductor MB96310 Datasheet HTML 78Page - fujitsu semiconductor MB96310 Datasheet HTML 79Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
MB96310 Series
DS07-13808-2E
75
MB96F313/F315 PLL Run and Sleep mode currents
Stop 1.8V
Stop mode current ICCH with the following settings:
•
Regulator in Low Power Mode B (by hardware)
•
Core voltage at 1.8V (VRCR:LPMB[2:0] = 110B)
Stop 1.2V
Stop mode current ICCH with the following settings:
•
Regulator in Low Power Mode B (by hardware)
•
Core voltage at 1.2V (VRCR:LPMB[2:0] = 000B)
Mode name
Details
0
10
20
30
40
50
-60
-40
-20
0
+20
+40
+60
+80
+100
+120
PLL Run 48
Ta [ºC]
PLL Sleep 48
PLL Sleep 56
PLL Sleep 24
PLL Run 56
PLL Run 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com