Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB96310 Datasheet HTML 1Page - fujitsu semiconductor MB96310 Datasheet HTML 2Page - fujitsu semiconductor MB96310 Datasheet HTML 3Page - fujitsu semiconductor MB96310 Datasheet HTML 4Page - fujitsu semiconductor MB96310 Datasheet HTML 5Page - fujitsu semiconductor MB96310 Datasheet HTML 6Page - fujitsu semiconductor MB96310 Datasheet HTML 7Page - fujitsu semiconductor MB96310 Datasheet HTML 8Page - fujitsu semiconductor MB96310 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
2
DS07-13808-2E
MB96310 Series
■ FEATURES
Feature
Description
Technology
•
0.18
μm CMOS
CPU
•F2MC-16FX CPU
•
Up to 56 MHz internal, 17.8 ns instruction cycle time
•
Optimized instruction set for controller applications (bit, byte, word and long-word
data types; 23 different addressing modes; barrel shift; variety of pointers)
•
8-byte instruction execution queue
•
Signed multiply (16-bit
× 16-bit) and divide (32-bit/16-bit) instructions available
System clock
•
On-chip PLL clock multiplier (x1 - x25, x1 when PLL stop)
•
3 MHz - 16 MHz external crystal oscillator clock (maximum frequency when using
ceramic resonator depends on Q-factor).
•
Up to 56 MHz external clock
•
32-100 kHz subsystem quartz clock
•
100kHz/2MHz internal RC clock for quick and safe startup, oscillator stop detection,
watchdog
•
Clock source selectable from main- and subclock oscillator (part number suffix “W”)
and on-chip RC oscillator, independently for CPU and 2 clock domains of peripherals.
•
Low Power Consumption - 13 operating modes : (different Run, Sleep, Timer modes,
Stop mode)
•
Clock modulator
On-chip voltage regula-
tor
•
Internal voltage regulator supports reduced internal MCU voltage, offering low EMI
and low power consumption figures
Low voltage reset
•
Reset is generated when supply voltage is below minimum.
Code Security
•
Protects ROM content from unintended read-out
Memory Patch Function
•
Replaces ROM content
•
Can also be used to implement embedded debug support
DMA
•
Automatic transfer function independent of CPU, can be assigned freely to resources
Interrupts
•
Fast Interrupt processing
•
8 programmable priority levels
•
Non-Maskable Interrupt (NMI)
Timers
•
Three independent clock timers (23-bit RC clock timer, 23-bit Main clock timer, 17-bit
Sub clock timer)
•
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com