Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 41Page - fujitsu semiconductor MB96310 Datasheet HTML 42Page - fujitsu semiconductor MB96310 Datasheet HTML 43Page - fujitsu semiconductor MB96310 Datasheet HTML 44Page - fujitsu semiconductor MB96310 Datasheet HTML 45Page - fujitsu semiconductor MB96310 Datasheet HTML 46Page - fujitsu semiconductor MB96310 Datasheet HTML 47Page - fujitsu semiconductor MB96310 Datasheet HTML 48Page - fujitsu semiconductor MB96310 Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
MB96310 Series
DS07-13808-2E
45
11. Stabilization of power supply voltage
If the power supply voltage varies acutely even within the operation safety range of the Vcc power supply voltage,
a malfunction may occur. The Vcc power supply voltage must therefore be stabilized. As stabilization guidelines,
the power supply voltage must be stabilized in such a way that Vcc ripple fluctuations (peak to peak value) in
the commercial frequencies (50 to 60 Hz) fall within 10% of the standard Vcc power supply voltage and the
transient fluctuation rate becomes 0.1V/
μs or less in instantaneous fluctuation for power supply switching.
12. Serial communication
There is a possibility to receive wrong data due to noise or other causes on the serial communication.
Therefore, design a printed circuit board so as to avoid noise.
Consider receiving of wrong data when designing the system. For example apply a checksum and retransmit
the data if an error occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com