Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 42 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 42 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 38Page - fujitsu semiconductor MB96310 Datasheet HTML 39Page - fujitsu semiconductor MB96310 Datasheet HTML 40Page - fujitsu semiconductor MB96310 Datasheet HTML 41Page - fujitsu semiconductor MB96310 Datasheet HTML 42Page - fujitsu semiconductor MB96310 Datasheet HTML 43Page - fujitsu semiconductor MB96310 Datasheet HTML 44Page - fujitsu semiconductor MB96310 Datasheet HTML 45Page - fujitsu semiconductor MB96310 Datasheet HTML 46Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
42
DS07-13808-2E
MB96310 Series
66
2F4H
Reserved
67
2F0H
Reserved
68
2ECH
ICU9
Yes
68
Input Capture Unit 9
69
2E8H
ICU10
Yes
69
Input Capture Unit 10
70
2E4H
Reserved
71
2E0H
Reserved
72
2DCH
Reserved
73
2D8H
OCU6
Yes
73
Output Compare Unit 6
74
2D4H
OCU7
Yes
74
Output Compare Unit 7
75
2D0H
Reserved
76
2CCH
Reserved
77
2C8H
FRT0
Yes
77
Free Running Timer 0
78
2C4H
FRT1
Yes
78
Free Running Timer 1
79
2C0H
FRT2
Yes
79
Free Running Timer 2
80
2BCH
FRT3
Yes
80
Free Running Timer 3
81
2B8H
RTC0
No
81
Real Timer Clock
82
2B4H
CAL0
No
82
Clock Calibration Unit
83
2B0H
Reserved
84
2ACH
ADC0
Yes
84
A/D Converter
85
2A8H
LINR2
Yes
85
LIN USART 2 RX
86
2A4H
LINT2
Yes
86
LIN USART 2 TX
87
2A0H
Reserved
88
29CH
Reserved
89
298H
LINR7
Yes
89
LIN USART 7 RX
90
294H
LINT7
Yes
90
LIN USART 7 TX
91
290H
LINR8
Yes
91
LIN USART 8 RX
92
28CH
LINT8
Yes
92
LIN USART 8 TX
93
288H
FLASH_A
No
93
Flash memory A (only Flash devices)
Interrupt vector table MB96(F)31x (3 of 3)
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com