Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 81 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 81 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 76Page - fujitsu semiconductor MB96310 Datasheet HTML 77Page - fujitsu semiconductor MB96310 Datasheet HTML 78Page - fujitsu semiconductor MB96310 Datasheet HTML 79Page - fujitsu semiconductor MB96310 Datasheet HTML 80Page - fujitsu semiconductor MB96310 Datasheet HTML 81Page - fujitsu semiconductor MB96310 Datasheet HTML 82Page - fujitsu semiconductor MB96310 Datasheet HTML 83Page - fujitsu semiconductor MB96310 Datasheet HTML 84Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
MB96310 Series
DS07-13808-2E
81
■ MAIN CHANGES IN THIS EDITION
Page
Section
Change Results
3
■ FEATURES
Corrected the sentence “Reload timer overflow” to “Reload
timer underflow” for Programmable Pulse Generator.
5, 6
■ PRODUCT LINEUP
Removed footnote.
Changed name of evaluation sample.
8
■ PIN ASSIGNMENTS
Corrected pin number of X0.
34
→ 35
14
■ MEMORY MAP
Changed name of evaluation sample.
17
■ SERIAL PROGRAMMING
COMMUNICATION INTERFACE
Corrected device name, package name and pin numbers.
49-50
■ ELECTRICAL CHARACTERISTICS
3.DC characteristics
Note added in DC characteristics how to select driving
strength of ports.
51-56
■ ELECTRICAL CHARACTERISTICS
3.DC characteristics
Updated Icc specs.
Updated Power Supply current spec in Run/Sleep/Timer/
Stop modes (new spec items in PLL Run/Sleep mode,
small adjustment of most other values).
57
■ ELECTRICAL CHARACTERISTICS
4.AC Characteristics
Note added that PLL phase jitter spec does not include jit-
ter coming from Main clock.
Added specification of RC clock stabilization time.
65
■ ELECTRICAL CHARACTERISTICS
5. Analog Digital Converter
Changed the item for “Zero reading voltage” and
“Full scale reading voltage”.
AD converter IAIN spec improved: 1uA valid up to 105deg,
1.2uA above 105deg.
68
■ ELECTRICAL CHARACTERISTICS
5. Analog Digital Converter
“Notes on A/D Converter Section” was rewrite and re-
named to “Accuracy and setting of the A/D Converter sam-
pling time”.
Impact of input pin capacitance and external capacitance
added to formula for calculation of the sampling time.
69
■ ELECTRICAL CHARACTERISTICS
6. Low Voltage Detector characteristics
Detection levels updated.
72-77
■ EXAMPLE CHARACTERISTICS
Added.
78
■ PACKAGE DIMENSION MB96(F)31x
LQFP48
Updated package figure.
Added the following sentence under the figure: “Please
check the latest package dimension at the following URL.
http://edevice.fujitsu.com/package/en-search/”.
79
■ ORDERING INFORMATION
Updated part number:
MB96F313/F315**A
→ MB96F313/F315**B
Removed footnote.
Added Part Numbers “MB96F313RSB PMC-GSE1”,
“MB96F315RSB PMC-GSE1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com