Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 22Page - fujitsu semiconductor MB96310 Datasheet HTML 23Page - fujitsu semiconductor MB96310 Datasheet HTML 24Page - fujitsu semiconductor MB96310 Datasheet HTML 25Page - fujitsu semiconductor MB96310 Datasheet HTML 26Page - fujitsu semiconductor MB96310 Datasheet HTML 27Page - fujitsu semiconductor MB96310 Datasheet HTML 28Page - fujitsu semiconductor MB96310 Datasheet HTML 29Page - fujitsu semiconductor MB96310 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
26
DS07-13808-2E
MB96310 Series
0003C7H
Memory Patch function - Patch address 5 low
PFAL5
R/W
0003C8H
Memory Patch function - Patch address 5 middle
PFAM5
R/W
0003C9H
Memory Patch function - Patch address 5 high
PFAH5
R/W
0003CAH
Memory Patch function - Patch address 6 low
PFAL6
R/W
0003CBH
Memory Patch function - Patch address 6 middle
PFAM6
R/W
0003CCH
Memory Patch function - Patch address 6 high
PFAH6
R/W
0003CDH
Memory Patch function - Patch address 7 low
PFAL7
R/W
0003CEH
Memory Patch function - Patch address 7 middle
PFAM7
R/W
0003CFH
Memory Patch function - Patch address 7 high
PFAH7
R/W
0003D0H
Memory Patch function - Patch data 0 Low
PFDL0
PFD0
R/W
0003D1H
Memory Patch function - Patch data 0 High
PFDH0
R/W
0003D2H
Memory Patch function - Patch data 1 Low
PFDL1
PFD1
R/W
0003D3H
Memory Patch function - Patch data 1 High
PFDH1
R/W
0003D4H
Memory Patch function - Patch data 2 Low
PFDL2
PFD2
R/W
0003D5H
Memory Patch function - Patch data 2 High
PFDH2
R/W
0003D6H
Memory Patch function - Patch data 3 Low
PFDL3
PFD3
R/W
0003D7H
Memory Patch function - Patch data 3 High
PFDH3
R/W
0003D8H
Memory Patch function - Patch data 4 Low
PFDL4
PFD4
R/W
0003D9H
Memory Patch function - Patch data 4 High
PFDH4
R/W
0003DAH
Memory Patch function - Patch data 5 Low
PFDL5
PFD5
R/W
0003DBH
Memory Patch function - Patch data 5 High
PFDH5
R/W
0003DCH
Memory Patch function - Patch data 6 Low
PFDL6
PFD6
R/W
0003DDH
Memory Patch function - Patch data 6 High
PFDH6
R/W
0003DEH
Memory Patch function - Patch data 7 Low
PFDL7
PFD7
R/W
0003DFH
Memory Patch function - Patch data 7 High
PFDH7
R/W
0003E0H-
0003F0H
Reserved
-
0003F1H
Memory Control Status Register A
MCSRA
R/W
0003F2H
Memory Timing Configuration Register A Low
MTCRAL
MTCRA
R/W
0003F3H
Memory Timing Configuration Register A High
MTCRAH
R/W
I/O map MB96(F)315x (9 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com