Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 44 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 44 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 40Page - fujitsu semiconductor MB96310 Datasheet HTML 41Page - fujitsu semiconductor MB96310 Datasheet HTML 42Page - fujitsu semiconductor MB96310 Datasheet HTML 43Page - fujitsu semiconductor MB96310 Datasheet HTML 44Page - fujitsu semiconductor MB96310 Datasheet HTML 45Page - fujitsu semiconductor MB96310 Datasheet HTML 46Page - fujitsu semiconductor MB96310 Datasheet HTML 47Page - fujitsu semiconductor MB96310 Datasheet HTML 48Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
44
DS07-13808-2E
MB96310 Series
2. Opposite phase external clock
• When using an opposite phase external clock, X1 (X1A) must be supplied with a clock signal which has the
opposite phase to the X0 (X0A) pins.
4.
Unused sub clock signal
If the pins X0A and X1A are not connected to an oscillator, a pull-down resistor must be connected on the X0A
pin and the X1A pin must be left open.
5.
Notes on PLL clock mode operation
If the PLL clock mode is selected and no external oscillator is operating or no external clock is supplied, the
microcontroller attempts to work with the free oscillating PLL. Performance of this operation, however, cannot
be guaranteed.
6.
Power supply pins (VCC/VSS)
It is required that all VCC-level as well as all VSS-level power supply pins are at the same potential. If there is more
than one VCC or VSS level, the device may operate incorrectly or be damaged even within the guaranteed operating
range.
VCC and VSS must be connected to the device from the power supply with lowest possible impedance.
As a measure against power supply noise, it is required to connect a bypass capacitor of about 0.1
μF between
VCC and VSS as close as possible to VCC and VSS pins.
7.
Crystal oscillator and ceramic resonator circuit
Noise at X0, X1 pins or X0A, X1A pins might cause abnormal operation. It is required to provide bypass capacitors
with shortest possible distance to X0, X1 pins and X0A, X1A pins, crystal oscillator (or ceramic resonator) and
ground lines, and, to the utmost effort, that the lines of oscillation circuit do not cross the lines of other circuits.
It is highly recommended to provide a printed circuit board art work surrounding X0, X1 pins and X0A, X1A pins
with a ground area for stabilizing the operation.
It is highly recommended to evaluate the quartz/MCU or resonator/MCU system at the quartz or resonator
manufacturer, especially when using low-Q resonators at higher frequencies.
8.
Turn on sequence of power supply to A/D converter and analog inputs
It is required to turn the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (ANn) on after
turning the digital power supply (VCC) on.
It is also required to turn the digital power off after turning the A/D converter supply and analog inputs off. In this
case, the voltage must not exceed AVRH or AVCC (turning the analog and digital power supplies simultaneously
on or off is acceptable).
9.
Pin handling when not using the A/D converter
It is required to connect the unused pins of the A/D converter as AVCC = VCC
, AVSS = AVRH = AVRL = VSS.
10. Notes on Power-on
To prevent malfunction of the internal voltage regulator, supply voltage profile while turning the power supply on
should be slower than 50
μs from 0.2 V to 2.7 V.
X0
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com