Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 10Page - fujitsu semiconductor MB96310 Datasheet HTML 11Page - fujitsu semiconductor MB96310 Datasheet HTML 12Page - fujitsu semiconductor MB96310 Datasheet HTML 13Page - fujitsu semiconductor MB96310 Datasheet HTML 14Page - fujitsu semiconductor MB96310 Datasheet HTML 15Page - fujitsu semiconductor MB96310 Datasheet HTML 16Page - fujitsu semiconductor MB96310 Datasheet HTML 17Page - fujitsu semiconductor MB96310 Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
14
DS07-13808-2E
MB96310 Series
■ MEMORY MAP
MB96V300C
MB96(F)31x
FF:FFFFH
Emulation ROM
USER ROM /
Reserved*4
DE:0000H
External Bus
Reserved
10:0000H
0F:E000H
Boot-ROM
Boot-ROM
Reserved
Reserved
0E:0000H
External RAM
02:0000H
Internal RAM
bank 1
01:0000H
ROM/RAM MIRROR
ROM/RAM MIRROR
00:8000H
Internal RAM
bank 0
Internal RAM
bank 0
RAMSTART0*2
Reserved
RAMSTART0*3
00:0C00H
External Bus
Peripherals
Peripherals
00:0380H
00:0180H
GPR*1
GPR*1
00:0100H
DMA
DMA
00:00F0H
External Bus
Reserved
00:0000H
Peripheral
Peripheral
*1: Unused GPR banks can be used as RAM area
*2: For RAMSTART0 addresses, please refer to the table on the next page.
*3: For EVA device, RAMSTART0 depends on the configuration of the emulated device.
*4: For details about USER ROM area, see the
■ USER ROM MEMORY MAP FOR FLASH DEVICES on the
following pages.
The DMA area is only available if the device contains the corresponding resource.
The available RAM and ROM area depends on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com