Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 41 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 41 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 37Page - fujitsu semiconductor MB96310 Datasheet HTML 38Page - fujitsu semiconductor MB96310 Datasheet HTML 39Page - fujitsu semiconductor MB96310 Datasheet HTML 40Page - fujitsu semiconductor MB96310 Datasheet HTML 41Page - fujitsu semiconductor MB96310 Datasheet HTML 42Page - fujitsu semiconductor MB96310 Datasheet HTML 43Page - fujitsu semiconductor MB96310 Datasheet HTML 44Page - fujitsu semiconductor MB96310 Datasheet HTML 45Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
MB96310 Series
DS07-13808-2E
41
31
380H
Reserved
32
37CH
Reserved
33
378H
CAN2
No
33
CAN Controller 2
34
374H
PPG0
Yes
34
Programmable Pulse Generator 0
35
370H
PPG1
Yes
35
Programmable Pulse Generator 1
36
36CH
Reserved
37
368H
PPG3
Yes
37
Programmable Pulse Generator 3
38
364H
PPG4
Yes
38
Programmable Pulse Generator 4
39
360
Reserved
40
35CH
PPG6
Yes
40
Programmable Pulse Generator 6
41
358H
PPG7
Yes
41
Programmable Pulse Generator 7
42
354H
PPG8
Yes
42
Programmable Pulse Generator 8
43
350H
PPG9
Yes
43
Programmable Pulse Generator 9
44
34CH
Reserved
45
348H
Reserved
46
344H
PPG12
Yes
46
Programmable Pulse Generator 12
47
340H
Reserved
48
33CH
PPG14
Yes
48
Programmable Pulse Generator 14
49
338H
Reserved
50
334H
PPG16
Yes
50
Programmable Pulse Generator 16
51
330H
PPG17
Yes
51
Programmable Pulse Generator 17
52
32CH
PPG18
Yes
52
Programmable Pulse Generator 18
53
328H
PPG19
Yes
53
Programmable Pulse Generator 19
54
324H
RLT0
Yes
54
Reload Timer 0
55
320H
RLT1
Yes
55
Reload Timer 1
56
31CH
RLT2
Yes
56
Reload Timer 2
57
318H
RLT3
Yes
57
Reload Timer 3
58
314H
PPGRLT
Yes
58
Reload Timer 6 - dedicated for PPG
59
310H
ICU0
Yes
59
Input Capture Unit 0
60
30CH
ICU1
Yes
60
Input Capture Unit 1
61
308H
Reserved
62
304H
Reserved
63
300H
ICU4
Yes
63
Input Capture Unit 4
64
2FCH
ICU5
Yes
64
Input Capture Unit 5
65
2F8H
ICU6
Yes
65
Input Capture Unit 6
Interrupt vector table MB96(F)31x (2 of 3)
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com