Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB96310
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96310 Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB96310 Datasheet HTML 45Page - fujitsu semiconductor MB96310 Datasheet HTML 46Page - fujitsu semiconductor MB96310 Datasheet HTML 47Page - fujitsu semiconductor MB96310 Datasheet HTML 48Page - fujitsu semiconductor MB96310 Datasheet HTML 49Page - fujitsu semiconductor MB96310 Datasheet HTML 50Page - fujitsu semiconductor MB96310 Datasheet HTML 51Page - fujitsu semiconductor MB96310 Datasheet HTML 52Page - fujitsu semiconductor MB96310 Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
MB96310 Series
DS07-13808-2E
49
3. DC characteristics
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input H voltage
VIH
Port inputs
Pnn_m
CMOS Hysteresis
0.7/0.3 input se-
lected
0.7
VCC
-
VCC +
0.3
VVCC
≥ 4.5V
0.74
VCC
-
VCC +
0.3
VVCC < 4.5V
AUTOMOTIVE
Hysteresis input
selected
0.8
VCC
-
VCC +
0.3
V
VIHX0F
X0
External clock in
“Fast Clock Input
mode”
0.8
VCC
-
VCC +
0.3
V
VIHX0S
X0,X1,
X0A,X1A
External clock in
“oscillation mode”
2.5
-
VCC +
0.3
V
VIHR
RSTX
-
0.8
VCC
-
VCC +
0.3
V
CMOS Hysteresis in-
put
VIHM
MD2-MD0
-
VCC -
0.3
-
VCC +
0.3
V
Input L voltage
VIL
Port inputs
Pnn_m
CMOS Hysteresis
0.7/0.3 input se-
lected
VSS -
0.3
-
0.3
VCC
V
AUTOMOTIVE
Hysteresis input
selected
VSS -
0.3
-
0.5
VCC
VVCC
≥ 4.5V
VSS -
0.3
-
0.46
VCC
VCC < 4.5V
VILX0F
X0
External clock in
“Fast Clock Input
mode”
VSS -
0.3
-
0.2 VCC
V
VILX0S
X0,X1,
X0A,X1A
External clock in
“oscillation mode”
VSS -
0.3
-0.4
V
VILR
RSTX
-
VSS -
0.3
-
0.2 VCC
V
CMOS Hysteresis in-
put
VILM
MD2-MD0
-
VSS -
0.3
-
VSS +
0.3
V
Output H voltage
VOH2
Normal
outputs
4.5V
≤ VCC ≤ 5.5V
IOH = -2mA
VCC -
0.5
--
V
Driving strength set
to 2mA
(PODR:OD=1)
3.0V
≤ VCC < 4.5V
IOH = -1.6mA
VOH5
Normal
outputs
4.5V
≤ VCC ≤ 5.5V
IOH = -5mA
VCC -
0.5
--
V
Driving strength set
to 5mA
(PODR:OD=0)
3.0V
≤ VCC < 4.5V
IOH = -3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com