Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
28
Freescale Semiconductor
3.5
Module Timing and Electrical Parameters
3.5.1
ADC Electrical Specifications
This section describes the electrical specifications, including DC and AC information, of Low-Resolution
ADC (LRADC) and High-Speed ADC (HSADC).
3.5.1.1
LRADC Electrical Specifications
Table 31 shows the electrical specifications for the LRADC.
Output pad slew rate
(medium drive)
tps
1.7~1.9V
10pF
1.50
1.50
0.61
0.63
ns
—
1.7~1.9V
20pF
0.93
1.00
0.39
0.42
—
1.7~1.9V
50pF
0.43
0.52
0.18
0.22
—
3.0~3.6V
10pF
2.40
2.43
0.98
1.05
—
3.0~3.6V
20pF
1.58
1.53
0.65
0.67
—
3.0~3.6V
50pF
0.76
0.71
0.32
0.31
—
Input pad average
hysteresis
tih
1.7 V–1.9 V
—
100
75
mV
—
3.0 V–3.6 V
—
100
50
—
Table 31. LRADC Electrical Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC Electrical Specification
Input capacitance (Cp)
No pin/pad capacitance included
—
0.5
—
pF
Resolution
—
12
bits
Maximum sampling rate1
(fs)
1 There is no sample and hold circuit in LRADC, so it is only for DC input voltage or ones with very small slope.
—
—
—
428
kHz
Power-up time2
—
1
sample
cycles
DC Electrical Specification
DC input voltage
0
1.85
V
Current consumption3
VDDA
VDDD
——
TBD
—
mA
mA
Touchscreen Interface
Expected plate resistance
—
200
—
50000
Ω
Table 30. CLK-Type GPIO (continued)
Parameters
Symbol
Test Voltage Test Capacitance
Min Rise/Fall
Max Rise/Fall
units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com