Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
6
Freescale Semiconductor
Table 4 describes the digital and analog modules of the device.
Application UART (AUART): Interfaces supported
4 dedicated / 5 with muxing
Synchronous Serial Port (SSP): Supported through dedicated pins
3 dedicated / 4 with muxing
I2C
1 dedicated / 2 with muxing
SPDIF
1
SAIF
2
FlexCAN
2
LCD interface
24 bits
High-speed ADC
Yes
LRADC (touchscreen, keypad...)
Yes
Ethernet MAC and switch
2 MACs with switch
Universal Serial Bus (USB)
2
Table 4. i.MX28 Digital and Analog Modules
Block
Mnemonic
Block Name
Subsystem
Brief Description
APBHDMA
AHB to APBH
Bridge with
DMA
System control
The AHB to APBH bridge with DMA includes the AHB-to-APB PIO bridge for
memory-mapped I/O to the APB devices, as well a central DMA facility for
devices on this bus. The bridge provides a peripheral attachment bus running
on the AHB’s HCLK. (The ‘H’ in APBH denotes that the APBH is synchronous
to HCLK, as compared to APBX, which runs on the crystal-derived XCLK.)
The DMA controller transfers read and write data to and from each peripheral
on APBH bridge.
APBXDMA
AHB to APBX
Bridge with
DMA
System control
The AHB-to-APBX bridge includes the AHB-to-APB PIO bridge for
memory-mapped I/O to the APB devices, as well a central DMA facility for
devices on this bus. The AHB-to-APBX bridge provides a peripheral
attachment bus running on the AHB’s XCLK. (The ‘X’ in APBX denotes that
the APBX runs on a crystal-derived clock, as compared to APBH, which is
synchronous to HCLK.) The DMA controller transfers read and write data to
and from each peripheral on APBX bridge.
ARM9 or
ARM926
ARM926EJ-S
CPU
ARM®
The ARM926 Platform consists of the ARM926EJ-S™ core and the ETM
real-time debug modules. It contains the 16-Kbyte L1 instruction cache,
32-Kbyte L1 data cache, 128-Kbyte ROM and 128-Kbyte RAM.
AUART(5)
Application
UART
interface
Connectivity
peripherals
Each of the UART modules supports the following serial data
transmit/receive protocols and configurations:
• 7- or 8-bit data words, one or two stop bits, programmable parity (even,
odd, or none)
• Programmable baud rates up to 3.25 MHz. This is a higher maximum
baud rate than the 1.875 MHz specified by the TIA/EIA-232-F standard
and previous Freescale UART modules. 16-byte FIFO on Tx and 16-byte
FIFO on Rx supporting auto-baud detection
Table 3. i.MX28 Functions (continued)
Function
BGA289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com