Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  IMX28CEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
5
1.3
Block Diagram
Figure 1 shows the simplified interface block diagram.
Figure 1. i.MX28 Simplified Interface Block Diagram
2Features
Table 3 shows the device functions.
Table 3. i.MX28 Functions
Function
BGA289
External Memory Interface (EMI)
(1.5 V LV-DDR2, 1.8 V DDR2, 1.8 V LP-DDR1)
Yes
General-Purpose Media Interface (GPMI):
• NAND data width
• Number of external NANDs supported
8-bit
4 dedicated / 8 with muxing
Pulse Width Modulator (PWM)
5 dedicated / 8 with muxing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com