Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
39
Figure 14 shows TRACECLK signal timings. Table 44 describes the timing parameters shown in the
figure.
Figure 14. TRACECLK Signal Timing Diagram
3.5.5.2
Trace Data Signal Timing
Figure 15 shows the setup and hold requirements of the trace data pins with respect to TRACECLK.
Table 45 describes the timing parameters shown in the figure.
Figure 15. MII Transmit Signal Timing Diagram
Table 44. MII Receive Signal Timing
ID
Characteristic1
Min.
Max.
Unit
Tr
Clock and data raise time
3
—
ns
Tf
Clock and data fall time
3
—
ns
Twh
High pulse wide
2
—
ns
Twl
Low pulse wide
2
—
ns
Tcyc
Clock period
12.5
—
ns
Table 45. MII Transmit Signal Timing
ID
Characteristic1
Min.
Max.
Unit
Ts
Data setup
2
—
ns
Th
Data hold
2
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com