Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
38
Freescale Semiconductor
Figure 13 shows RMII mode timings. Table 43 describes the timing parameters (M16–M21) shown in the
figure.
Figure 13. RMII Mode Signal Timing Diagram
3.5.5
Coresight ETM9 AC Interface Timing
The following timing specifications are given as a guide for a TPA that supports TRACECLK frequencies
up to 80 MHz.
3.5.5.1
TRACECLK Timing
This section describes TRACECLK timings.
Table 43. RMII Signal Timing
ID
Characteristic
Min.
Max.
Unit
M16
ENET_CLK pulse width high
35%
65%
ENET_CLK period
M17
ENET_CLK pulse width low
35%
65%
ENET_CLK period
M18
ENET_CLK to ENET0_TXD[1:0], ENET0_TX_EN invalid
3
—
ns
M19
ENET_CLK to ENET0_TXD[1:0], ENET0_TX_EN valid
—
12
ns
M20
ENET0_RXD[1:0], CRS_DV(ENET0_RX_DV), ENET0_RX_ER to
ENET_CLK setup
2—
ns
M21
ENET_CLK to ENET0_RXD[1:0], ENET0_RX_DV, ENET0_RX_ER hold
2
—
ns
ENET_CLK (input)
ENET0_TX_EN
M16
M17
M18
M19
M20
M21
ENET0_RXD[1:0]
ENET0_TXD[1:0] (output)
ENET0_RX_ER
CRS_DV (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com