Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
37
3.5.4.1.4
MII Serial Management Channel Timing (ENET0_MDIO and ENET0_MDC)
The MDC frequency is designed to be equal to or less than 2.5 MHz to be compatible with the IEEE 802.3
MII specification. However the ENET can function correctly with a maximum MDC frequency of
15 MHz.
Figure 12 shows MII asynchronous input timings. Table 42 describes the timing parameters (M10–M15)
shown in the figure.
Figure 12. MII Serial Management Channel Timing Diagram
3.5.4.2
RMII Mode Timing
In RMII mode, ENET_CLK is used as the REF_CLK, which is a 50 MHz ± 50 ppm continuous reference
clock. ENET0_RX_DV is used as the CRS_DV in RMII. Other signals under RMII mode include
ENET0_TX_EN, ENET0_TXD[1:0], ENET0_RXD[1:0] and ENET0_RX_ER.
Table 42. MII Serial Management Channel Timing
ID
Characteristic
Min.
Max.
Unit
M10
ENET0_MDC falling edge to ENET0_MDIO output invalid (min.
propagation delay)
0—
ns
M11
ENET0_MDC falling edge to ENET0_MDIO output valid (max.
propagation delay)
—5
ns
M12
ENET0_MDIO (input) to ENET0_MDC rising edge setup
18
—
ns
M13
ENET0_MDIO (input) to ENET0_MDC rising edge hold
0
—
ns
M14
ENET0_MDC pulse width high
40%
60%
ENET0_MDC period
M15
ENET0_MDC pulse width low
40%
60%
ENET0_MDC period
ENET0_MDC (output)
ENET0_MDIO (output)
M14
M15
M10
M11
M12
M13
ENET0_MDIO (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com