Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 70Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
67
4.6
i.MX283 Ball Map
Figure 47 shows the i.MX283 MAPBGA ball map.
Figure 47. 289-pin i.MX283 MAPBGA Ball Map
123
456789
10
11
12
13
14
15
16
17
A
VSS
NC
SSP2_S
CK
SSP0_C
MD
SSP0_D
ATA3
SSP0_S
CK
VDDIO3
3
USB1DP VSS
USB0D
M
PSWITC
H
XTALI VDD4P2 RESETN
BATTER
Y
DCDC_L
P
DCDC_
GND
A
B
NC
NC
SSP2_M
ISO
SSP0_D
ATA7
SSP0_D
ATA4
SSP0_D
ATA0
VSS
USB1D
M
DEBUG USB0DP VSSA2 XTALO VSSA1 HSADC0
DCDC_B
ATT
DCDC_V
DDA
DCDC_L
N1
B
C
NC
NC
SSP2_M
OSI
SSP2_S
S0
SSP0_D
ATA5
SSP0_D
ATA1
I2C0_SC
L
LRADC2 LRADC1
TESTM
ODE
RTC_XT
ALO
VDDXT
AL
VDDA1 LRADC6 LRADC0
VSS
DCDC_V
DDIO
C
D
NC
NC
SSP2_S
S1
SSP2_S
S2
SSP0_D
ATA6
SSP0_D
ATA2
NC
I2C0_SD
A
LRADC3
SSP0_D
ETECT
RTC_XT
ALI
JTAG_T
MS
LRADC4
JTAG_T
RST
LRADC5VDD1P5
DCDC_V
DDD
D
E
NC
ENET_C
LK
NC
ENET0_
RX_EN
VSS
VDDIO3
3
SAIF0_S
DATA0
SAIF1_S
DATA0
PWM3 PWM4
JTAG_T
CK
JTAG_T
DI
JTAG_T
DO
JTAG_R
TCK
VSS
VDDIO3
3
VDD5V
E
F
ENET0_
TXD0
ENET0_
TXD1
NC
ENET0_
TX_EN
NC
NC
SAIF0_B
ITCLK
VDDIO1
8
VDDIO1
8
VDDD VDDD VDDD
EMI_D1
4
VSSIO_
EMI
EMI_D
QM1
VSSIO_
EMI
EMI_D1
5
F
G
NC
NC
VDDIO3
3
ENET0_
MDC
AUART
0_RX
SAIF0_L
RCLK
SAIF0_
MCLK
VDDIO1
8
VDDIO1
8
VDDD VDDD VDDD
VDDIO_
EMI
EMI_D1
0
VDDIO_
EMI
EMI_D0
8
VDDIO_
EMI
G
H
ENET0_
RXD0
ENET0_
RXD1
VSS
ENET0_
MDIO
AUART
0_TX
NC
NC
VDDIO3
3
VSS
VSS
VSS
VSS
EMI_D1
2
VSSIO_
EMI
EMI_D0
9
VSS
EMI_D1
3
H
J
NC
NC
NC
NC
NC
AUART
0_CTS
AUART
0_RTS
VDDIO3
3
VDDIO3
3
VDDIO3
3
VSS
VSS
VDDIO_
EMIQ
EMI_D1
1
VSS
EMI_D
QS1N
EMI_D
QS1
J
K
LCD_W
R_RWN
LCD_D0
0
LCD_D0
1
AUART
1_TX
NC
NC
PWM0 PWM2
VSS
VSS
VSS
VDDD
EMI_VR
EF1
EMI_DD
R_OPE
VDDIO_
EMIQ
EMI_D
QS0N
EMI_D
QS0
K
L
NC
LCD_D0
2
LCD_D0
3
AUART
1_RX
NC
NC
PWM1
NC
GPMI_R
ESETN
VSS
VSS
VSSIO_
EMI
VDDIO_
EMI
EMI_D0
6
EMI_DD
R_OPE
EMI_CL
KN
EMI_CL
K
L
M
NC
LCD_D0
4
LCD_D0
5
LCD_RS
NC
LCD_RE
SET
NC
NC
NC
VDDIO_
EMI
VDDIO_
EMI
VDDIO_
EMI
EMI_D0
1
VSS
EMI_D
QM0
VSSIO_
EMI
EMI_D0
7
M
N
NC
LCD_D0
6
VDDIO3
3
VSS
NC
GPMI_R
DY0
GPMI_C
E0N
GPMI_R
DY1
GPMI_C
E1N
EMI_A1
4
EMI_A0
7
EMI_BA
2
VDDIO_
EMI
EMI_D0
3
VDDIO_
EMI
EMI_D0
0
VDDIO3
3_EMI
N
P
LCD_D0
7
LCD_D0
8
LCD_D0
9
LCD_RD
_E
LCD_CS
GPMI_A
LE
GPMI_C
LE
GPMI_
WRN
EMI_CE
1N
EMI_A0
9
VDDIO_
EMI
EMI_CE
0N
EMI_D0
4
VSSIO_
EMI
EMI_D0
2
VSSIO_
EMI
EMI_D0
5
P
R
LCD_D1
0
LCD_D1
1
LCD_D1
7
LCD_D2
0
LCD_D2
3
GPMI_R
DN
GPMI_
D05
GPMI_
D02
EMI_A0
6
VSSIO_
EMI
EMI_A0
5
VSSIO_
EMI
VDDIO_
EMI
EMI_VR
EF0
VDDIO_
EMIQ
EMI_RA
SN
EMI_O
DT0
R
T
LCD_D1
2
LCD_D1
3
LCD_D1
6
LCD_D1
9
LCD_D2
2
GPMI_
D07
GPMI_
D04
GPMI_
D01
EMI_A1
3
EMI_A1
1
EMI_A0
3
EMI_BA
1
EMI_CK
E
VSSIO_
EMI
EMI_W
EN
EMI_BA
0
EMI_O
DT1
T
U
VSS
LCD_D1
4
LCD_D1
5
LCD_D1
8
LCD_D2
1
GPMI_
D06
GPMI_
D03
GPMI_
D00
EMI_A0
8
EMI_A0
4
EMI_A1
2
EMI_A0
1
EMI_A1
0
EMI_A0
2
EMI_A0
0
EMI_CA
SN
VSSIO_
EMI
U
123
456789
10
11
12
13
14
15
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com