Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
57
Figure 40. MS Parallel Transfer Mode Timing Diagram
Table 60. MS Serial Transfer Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
MS1
SCK Cycle Time
tCLKc
50
—
ns
MS2
SCK High Pulse Time
tCLKwh
15
—
ns
MS3
SCK Low Pulse Time
tCLKwl
15
—
ns
MS4
SCK Rise Time
tCLKr
—
10
ns
MS5
SCK Fall Time
tCLKf
—
10
ns
MS6
BS Setup Time
tBSsu
5
—
ns
MS7
BS Hold Time
tBSh
5
—
ns
MS8
DATA Setup Time
tDsu
5
—
ns
MS9
DATA Hold Time
tDh
5
—
ns
MS10
DATA Input Delay Time
tDd
—
15
ns
Table 61. MS Parallel Transfer Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
MS1
SCK Cycle Time
tCLKc
25
—
ns
MS2
SCK High Pulse Time
tCLKwh
5
—
ns
MS3
SCK Low Pulse Time
tCLKwl
5
—
ns
SCK
BS(CMD)
DATA
(Output)
DATA
(Input)
MS1
MS11
MS12
MS13
MS14
MS15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com