Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
60
Freescale Semiconductor
4
Package Information and Contact Assignments
4.1
289-Ball MAPBGA—Case 14 x 14 mm, 0.8 mm Pitch
The following notes apply to Figure 44:
•
All dimensions are in millimeters.
•
Dimensioning and tolerancing per ASME Y14.5M-1994.
•
Maximum solder bump diameter measured parallel to datum A.
•
Datum A, the seating plane, is determined by the spherical crowns of the solder bumps.
•
Parallelism measurement excludes any effect of mark on top surface of package.
Table 64. UART Receive Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA2
Receive bit time1
1 The UART receiver can tolerate 1/(16
× F
baud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16
× F
baud_rate).
tRbit
1/Fbaud_rate
2 – 1/(16
× F
baud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UARTAPP can support is 3.25 Mbps. The maximum baud rate of
DebugUART is 115 kbps.
1/Fbaud_rate + 1/(16
× F
baud_rate)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com