Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  IMX28CEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
3
•
Eight Pulse Width Modulators (PWMs)
•
Real-time clock (RTC)
•
GPIO with interrupt capability
•
Power Management Unit (PMU) supports a triple output DC-DC switching converter, multiple
linear regulators, battery charger, and detector.
•
16-channel Low-Resolution A/D Converter (LRADC)
•
4/5-wire touchscreen controller
•
Up to 8X8 keypad matrix with button-detect circuit
•
Single channel High Speed A/D Converter (HSADC), up to 2 Msps data rate
•
Security features:
— Read-only unique ID for Digital Rights Management (DRM) algorithms
— Secure boot using 128-bit AES hardware decryption
— SHA-1 and SHA256 hashing hardware
— High assurance boot (HAB4)
•
Offered in 289-pin Ball Grid Array (BGA)
1.2
Ordering Information & Functional Part Differences
Table 1 provides the ordering information for the i.MX28.
Table 1. Ordering Information
Table 2 provides the functional differences between the i.MX280, i.MX283, i.MX286, and the i.MX287.
Part Number
Projected Temperature Range (
°C)
Package
MCIMX280DVM4B
–20 to +70
14 x 14 mm, 0.8mm pitch, MAPBGA-289
MCIMX280CVM4B
–40 to +85
14 x 14 mm, 0.8mm pitch, MAPBGA-289
MCIMX283DVM4B
–20 to +70
14 x 14 mm, 0.8 mm pitch, MAPBGA-289
MCIMX283CVM4B
–40 to +85
14 x 14 mm, 0.8 mm pitch, MAPBGA-289
MCIMX286DVM4B
–20 to +70
14 x 14 mm, 0.8 mm pitch, MAPBGA-289
MCIMX286CVM4B
–40 to +85
14 x 14 mm, 0.8 mm pitch, MAPBGA-289
MCIMX287CVM4B
–40 to +85
14 x 14 mm, 0.8 mm pitch, MAPBGA-289
Table 2. i.MX28 Functional Differences
Function
i.MX280
i.MX283
i.MX286
i.MX287
LCD Interface
—
Yes
Yes
Yes
Touch Screen
—
Yes
Yes
Yes
Ethernet
x1
x1
x1
x2
L2 Switch
—
—
—
Yes
CAN
—
—
x2
x2
12-bit ADC
x8
x8
x8
x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com