Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
12
Freescale Semiconductor
Table 7 shows the electrostatic discharge immunity.
Note that HBM and CDM pass ESD testing per AEC-Q100.
Analog Supply Voltage
VDDA
–0.3
2.10
V
Digital Core Supply Voltage
VDDD
–0.3
1.575
V
Non-EMI Digital I/O Supply
VDDIO
–0.3
3.63
V
EMI Digital I/O Supply
VDDIO.EMI
–0.3
3.63
V
DC-DC Converter2
DCDC_BATT
–0.3
BATT
V
Input Voltage on Any Digital I/O Pin Relative to Ground
—
–0.3
VDDIO+0.3
V
Input Voltage on USB_DP and USB_DN Pins Relative to Ground3
—–0.3
3.63
V
Analog I/O absolute maximum ratings (exceptions: XTALI, XTALO,
RTC_XTALI, RTC_XTALO)
—
–0.3
VDDIO+0.3
V
Storage Temperature
—
–40
125
°C
1 VDDIO can be applied to PSWITCH through a 10 k
Ω resistor. This is necessary in order to enter the chip’s firmware recovery
mode. (The on-chip circuitry prevents the actual voltage on the pin from exceeding acceptable levels.)
2 Application should include a Schottky diode between BATT and VDD4P2.
3 USB_DN and USB_DP can tolerate 5V for up to 24 hours. Note that while 5V is applied to USB_DN or USB_DP, LRADC
readings can be corrupted.
Table 7. Electrostatic Discharge Immunity
289-Pin BGA Package
Tested Level
Human Body Model (HBM)
2 kV
Charge Device Model (CDM)
500 V
Table 6. DC Absolute Maximum Ratings (continued)
Parameter
Symbol
Min.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com