Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
9
PMU
Power
management
Unit (DC-DC)
Power
management
system
The i.MX28 integrates a comprehensive power supply subsystem, including
the following features:
• One integrated DC-DC converter that supports Li-Ion battery.
• Four linear regulators directly power the supply rails from 5-V.
• Linear battery charger for Li-Ion cells.
• Battery voltage and brownout detection monitoring for VDDD, VDDA,
VDDIO, VDD4P2 and 5-V supplies.
• Integrated current limiter from 5-V power source.
• Reset controller.
• System monitors for temperature and speed.
• Generates USB-Host 5-V from Li-Ion battery (using PWM).
• Support for on-the-fly transitioning between 5-V and battery power.
• VDD4P2, a nominal 4.2-V supply, is available when the i.MX28 is
connected to a 5-V source and allows the DCDC to run from a 5-V source
with a depleted battery.
• The 4.2-V regulated output also allows for programmable current limits:
– Battery Charge current + DCDC input current < the 5-V current limit
– DCDC input current (which ultimately provides current to the on-chip
and off-chip loads) as the priority and battery charge current is
automatically reduced if the 5-V current limit is reached
PWM(8)
Pulse width
modulation
Connectivity
peripherals
There are eight PWM output controllers that can be used in place of GPIO
pins. Applications include HSADC driving signals and LED & backlight
brightness control. Independent output control of each phase allows 0, 1, or
high-impedance to be independently selected for the active and inactive
phases. Individual outputs can be run in lock step with guaranteed
non-overlapping portions for differential drive applications.
PXP
Pixel Pipeline Multimedia
The pixel pipeline (PXP) is used to perform alpha blending of graphic or video
buffers with graphics data before sending to an LCD display. The PXP also
supports image rotation for hand-held devices that require both portrait and
landscape image support.
RTC
Real-time
clock, alarm,
watchdog
Clocks
The real-time clock (RTC) and alarm share a one-second pulse time domain.
The watchdog reset and millisecond counter run on a one-millisecond time
domain. The RTC, alarm, and persistent bits reside in a special power
domain (crystal domain) that remains powered up even when the rest of the
chip is in its powered-down state.
SAIF(2)
Serial audio
interface
Connectivity
peripherals
SAIF provides a half-duplex serial port for communication with a variety of
serial devices, including industry-standard codecs and DSPs. It supports a
continuous range of sample rates from 8 kHz–192 kHz using a
high-resolution fractional divider driven by the PLL. Samples are transferred
to/from the FIFO through the APBX DMA interface, a FIFO service interrupt,
or software polling.
SPDIF
SPDIF
Connectivity
peripherals
The Sony-Philips Digital Interface Format (SPDIF) transmitter module
transmits data according to the SPDIF digital audio interface standard
(IEC-60958).
Table 4. i.MX28 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com